Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3415 Datasheet(PDF) 5 Page - ams AG

Part # AS3415
Description  Integrated Active Noise Cancelling Solution with Bypass Feature
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3415 Datasheet(HTML) 5 Page - ams AG

  AS3415 Datasheet HTML 1Page - ams AG AS3415 Datasheet HTML 2Page - ams AG AS3415 Datasheet HTML 3Page - ams AG AS3415 Datasheet HTML 4Page - ams AG AS3415 Datasheet HTML 5Page - ams AG AS3415 Datasheet HTML 6Page - ams AG AS3415 Datasheet HTML 7Page - ams AG AS3415 Datasheet HTML 8Page - ams AG AS3415 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 102 page
background image
ams Datasheet, Confidential: 2014-Jun-13 [v1-30]
AS3415/AS3435 – 5
Pi n D e s c r i p t i o n
The following figure shows the pin description for AS3415/35.
Figure 5:
Pin Description
Pin Name
Pin Number
Pin Type
Description
AS3435
AS3415
AGND
1
32
ANA OUT
Analog reference ground. Do not connect this
pin to power or digital ground plane.
QLINL
2
1
ANA OUT
Line input EQ gain stage output left channel.
LINL
3
2
ANA IN
Line input EQ left channel.
TRSDA
4
3
ANA IN
Clock input for production trimming. Can be
connected to LINL pin to enable production
trimming via 3.5mm audio jack.
TRSCL
5
4
ANA IN
Data input for production trimming. Can be
connected to LINR pin to enable production
trimming via 3.5mm audio jack.
LINR
6
5
ANA IN
Line input EQ right channel.
QLINR
7
6
ANA IN
Line input EQ gain stage output right channel.
ANC / CSDA
8
7
DIG IN
Serial interface data for I²C interface and
ANC control to enable/disable ANC.
MODE / CSCL
9
8
DIG IN
Serial Interface Clock for I²C interface and control
pin for power up/down and Monitor mode.
MICACL
10
9
ANA OUT
Microphone preamplifier AC coupling ground
terminal. This pin requires a 10μF capacitor
connected to AGND pin.
MICL
11
10
ANA IN
ANC microphone input left channel.
ILED
12
11
ANA IN
Current sink input for on-indication LED.
MICS
13
12
SUP OUT
Microphone Supply output. This pin needs an
output blocking capacitor with 10μF.
MICR
14
13
ANA IN
ANC microphone preamplifier input right
channel.
MICACR
15
14
ANA OUT
Microphone preamplifier AC coupling ground
terminal. This pin requires a 10μF capacitor
connected to AGND pin.
QMICR
16
15
ANA OUT
ANC microphone preamplifier output right
channel.
IOP1R
17
16
ANA IN
ANC filter OpAmp1 input right channel.
QOP1R
18
17
ANA OUT
ANC filter OpAmp1 output right channel.
Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com