Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM3168APAPR Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # PCM3168APAPR
Description  Audio Codec
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM3168APAPR Datasheet(HTML) 21 Page - Texas Instruments

Back Button PCM3168APAPR Datasheet HTML 17Page - Texas Instruments PCM3168APAPR Datasheet HTML 18Page - Texas Instruments PCM3168APAPR Datasheet HTML 19Page - Texas Instruments PCM3168APAPR Datasheet HTML 20Page - Texas Instruments PCM3168APAPR Datasheet HTML 21Page - Texas Instruments PCM3168APAPR Datasheet HTML 22Page - Texas Instruments PCM3168APAPR Datasheet HTML 23Page - Texas Instruments PCM3168APAPR Datasheet HTML 24Page - Texas Instruments PCM3168APAPR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 66 page
background image
-
-
-
-
-
-
-
88
90
92
94
96
98
100
125
Temperature( C)
°
-50
-25
0
25
50
75
100
112
110
108
106
104
102
100
125
Temperature( C)
°
-50
-25
0
25
50
75
SNR
DynamicRange
100
0
1
2
3
4
5
6
7
8
9
10
-
-
-
-
-
-
-
-
-
-
14
Frequency(kHz)
0
6
4
2
8
10
12
0
10
20
30
40
50
-
-
-
-
-
10M
Frequency(Hz)
1k
10k
100k
1M
0
1
2
3
4
5
6
7
8
9
10
-
-
-
-
-
-
-
-
-
-
22
Frequency(kHz)
0
6
4
2
8
10
12
14
16
18
20
0
1
2
3
4
5
6
7
8
9
10
-
-
-
-
-
-
-
-
-
-
20
Frequency(kHz)
0
6
4
2
8
10
12
14
16
18
PCM3168A
www.ti.com
SBAS452A – SEPTEMBER 2008 – REVISED JANUARY 2016
DAC Digital Filter (continued)
At TA = 25°C, VCCAD1 = VCCAD2 = VCCDA1 = VCCDA2 = 5 V, VDD1 = VDD2 = 3.3 V, fS = 48 kHz, SCKI = 512 fS, 24-bit
data, Sampling Mode = Auto for ADC and DAC, and Interface Mode = Slave for ADC and DAC, unless otherwise noted.
Figure 22. De-Emphasis Characteristic (FS = 48 kHz)
Figure 23. De-Emphasis Characteristic (FS = 44 kHz)
Figure 24. De-Emphasis Characteristic (FS = 32 kHz)
Figure 25. Analog Filter Characteristic
8.15.3 ADC Performance
At TA = 25°C, VCCAD1 = VCCAD2 = VCCDA1 = VCCDA2 = 5 V, VDD1 = VDD2 = 3.3 V, fS = 48 kHz, SCKI = 512 fS, 24-bit
data, Sampling Mode = Auto for ADC and DAC, and Interface Mode = Slave for ADC and DAC, unless otherwise noted.
Figure 26. THD+N At –1 dB vs Temperature
Figure 27. Dynamic Range and SNR vs Temperature
Copyright © 2008–2016, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: PCM3168A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com