Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM3168APAPR Datasheet(PDF) 53 Page - Texas Instruments

Click here to check the latest version.
Part # PCM3168APAPR
Description  Audio Codec
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM3168APAPR Datasheet(HTML) 53 Page - Texas Instruments

Back Button PCM3168APAPR Datasheet HTML 49Page - Texas Instruments PCM3168APAPR Datasheet HTML 50Page - Texas Instruments PCM3168APAPR Datasheet HTML 51Page - Texas Instruments PCM3168APAPR Datasheet HTML 52Page - Texas Instruments PCM3168APAPR Datasheet HTML 53Page - Texas Instruments PCM3168APAPR Datasheet HTML 54Page - Texas Instruments PCM3168APAPR Datasheet HTML 55Page - Texas Instruments PCM3168APAPR Datasheet HTML 56Page - Texas Instruments PCM3168APAPR Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 66 page
background image
10 F
m
0.1 F
m
R
3
R
2
R
2
22pF
R
3
R
1
R
2
C
1
C
2
VIN+
(1V
)
RMS
VIN-
(1V
)
RMS
VCOMAD
AnalogInput
(2V
)
RMS
R
1
1.5kW
1.5kW
470pF
10 F
m
0.1 F
m
R
1
4.7kW
4.7kW
470pF
R
3
R
2
C
1
R
3
R
2
C
1
C
2
VIN-
(1V
)
RMS
VIN+
(1V
)
RMS
VCOMAD
AnalogInput
(2V
)
RMS
3.3V
48
3.3V
48
48
0V
48
0V
(1)
(2)
(3)
(4)
PCM3168A
www.ti.com
SBAS452A – SEPTEMBER 2008 – REVISED JANUARY 2016
10.3 System Examples
10.3.1 Typical Circuit Connections
Termination for mode control: Any one of the circuits shown in Figure 57 must be applied according to the
necessary mode or configuration. Resistor value must be 220-k
Ω, ±5% tolerant. The PowerPAD must be tied to
the ground plane with enough electrical and thermal conductivity; see the example board layout in Figure 54.
Figure 57. Typical Circuit Connections
Typical interface circuits for analog input and analog output are shown in Figure 58 through Figure 62.
Amplifier is an NE5532A x2 or OPA2134 x2; R1 = 1.5-kΩ resistor;
Amplifier is an NE5532A x1 or OPA2134 x1; R1 = 3-kΩ resistor; R2
R2 = 750-Ω resistor; R3 = 47-Ω resistor; C1 = 3300-pF capacitor; C2
= 1.5-k
Ω resistor; R3 = 47-Ω resistor; C1 = 2200-pF capacitor; C2 =
= 0.01-
μF capacitor; Gain = 1; f–3 dB = 45 kHz.
0.01-
μF capacitor; Gain = 1; f–3 dB = 48 kHz.
Figure 58. Single-Ended to Differential Buffer and
Figure 59. Single-Ended to Differential Buffer and
Anti-Aliasing LPF For Differential ADC Input
Anti-Aliasing LPF For Differential ADC Input
Copyright © 2008–2016, Texas Instruments Incorporated
Submit Documentation Feedback
53
Product Folder Links: PCM3168A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com