Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM3168APAPR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # PCM3168APAPR
Description  Audio Codec
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM3168APAPR Datasheet(HTML) 10 Page - Texas Instruments

Back Button PCM3168APAPR Datasheet HTML 6Page - Texas Instruments PCM3168APAPR Datasheet HTML 7Page - Texas Instruments PCM3168APAPR Datasheet HTML 8Page - Texas Instruments PCM3168APAPR Datasheet HTML 9Page - Texas Instruments PCM3168APAPR Datasheet HTML 10Page - Texas Instruments PCM3168APAPR Datasheet HTML 11Page - Texas Instruments PCM3168APAPR Datasheet HTML 12Page - Texas Instruments PCM3168APAPR Datasheet HTML 13Page - Texas Instruments PCM3168APAPR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 66 page
background image
PCM3168A
SBAS452A – SEPTEMBER 2008 – REVISED JANUARY 2016
www.ti.com
Electrical Characteristics (continued)
At TA = 25°C, VCCAD1 = VCCAD2 = VCCDA1 = VCCDA2 = 5 V, VDD1 = VDD2 = 3.3 V, fS = 48 kHz, SCKI = 512 fS, 24-bit
data, Sampling Mode = Auto for ADC and DAC, and Interface Mode = Slave for ADC and DAC, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DYNAMIC PERFORMANCE(7)(8)
fS = 48 kHz, Differential
–93
–87
fS = 96 kHz, Differential
–93
THD+N, VIN = –1 dB
dB
fS = 48 kHz, Single-ended
–93
fS = 96 kHz, Single-ended
–93
fS = 48 kHz, A-weighted,
100
107
differential
fS = 96 kHz, A-weighted,
107
differential
Dynamic range
dB
fS = 48 kHz, A-weighted,
104
single-ended
fS = 96 kHz, A-weighted,
104
single-ended
fS = 48 kHz, A-weighted,
100
107
differential
fS = 96 kHz, A-weighted,
107
differential
S/N ratio
dB
fS = 48 kHz, A-weighted,
104
single-ended
fS = 96 kHz, A-weighted,
104
single-ended
fS = 48 kHz, Differential
98
104
fS = 96 kHz, Differential
104
Channel separation
dB
(between one channel and others)
fS = 48 kHz, Single-ended
101
fS = 96 kHz, Single-ended
101
DIGITAL FILTER PERFORMANCE
Passband (single)
0.454 × fS
Hz
Passband (dual)
0.454 × fS
Hz
Stop band (single)
0.555 × fS
Hz
Stop band (dual)
0.597 × fS
Hz
Passband ripple
< 0.454 × fS, 0.454 × fS
±0.035
dB
Stop band attenuation
> 0.555 × fS, 0.597 × fS
–75
dB
Group delay time (single)
27 / fS
sec
Group delay time (dual)
17 / fS
sec
Highpass filter frequency response
–3 dB
0.02 × fS / 1000
Hz
DAC CHARACTERISTICS
Resolution
16
24
Bits
DC ACCURACY
Gain mismatch channel-to-channel
±2.0
±6
% of FSR
Gain error
±2.0
±6
% of FSR
Bipolar zero error
±1.0
% of FSR
(7)
In differential mode at VINx± pin, fIN = 1 kHz, using Audio Precision System II, RMS mode with 20-kHz lowpass filter and 400-Hz
highpass filter.
(8)
fS = 48 kHz : SCKI = 512 fS (single), fS = 96 kHz : SCKI = 256 fS (dual), fS = 192 kHz : SCKI = 128 fS (quad).
10
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
Product Folder Links: PCM3168A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com