Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM3168APAPR Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # PCM3168APAPR
Description  Audio Codec
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM3168APAPR Datasheet(HTML) 12 Page - Texas Instruments

Back Button PCM3168APAPR Datasheet HTML 8Page - Texas Instruments PCM3168APAPR Datasheet HTML 9Page - Texas Instruments PCM3168APAPR Datasheet HTML 10Page - Texas Instruments PCM3168APAPR Datasheet HTML 11Page - Texas Instruments PCM3168APAPR Datasheet HTML 12Page - Texas Instruments PCM3168APAPR Datasheet HTML 13Page - Texas Instruments PCM3168APAPR Datasheet HTML 14Page - Texas Instruments PCM3168APAPR Datasheet HTML 15Page - Texas Instruments PCM3168APAPR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 66 page
background image
PCM3168A
SBAS452A – SEPTEMBER 2008 – REVISED JANUARY 2016
www.ti.com
Electrical Characteristics (continued)
At TA = 25°C, VCCAD1 = VCCAD2 = VCCDA1 = VCCDA2 = 5 V, VDD1 = VDD2 = 3.3 V, fS = 48 kHz, SCKI = 512 fS, 24-bit
data, Sampling Mode = Auto for ADC and DAC, and Interface Mode = Slave for ADC and DAC, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DIGITAL FILTER PERFORMANCE (12)
Group delay time (single, dual)
28/fS
sec
Group delay time (quad)
19/fS
sec
De-emphasis error
±0.1
dB
POWER-SUPPLY REQUIREMENTS
VCCxx1/2
4.5
5.0
5.5
Voltage range
VDC
VDD1/2
3.0
3.3
3.6
fS = 48 kHz/ADC, fS = 48
162
210
mA
kHz/DAC
ICC
fS = 96 kHz/ADC, fS = 192
162
mA
kHz/DAC
Full power-down(13)
300
μA
Supply current
fS = 48 kHz/ADC, fS = 48
106
130
mA
kHz/DAC
IDD
fS = 96 kHz/ADC, fS = 192
127
mA
kHz/DAC
Full power-down(13)
50
μA
fS = 48 kHz/ADC, fS = 48
1160
1480
kHz/DAC
fS = 96 kHz/ADC, fS = 192
1230
kHz/DAC
Power dissipation
fS = 48 kHz/ADC, Power-
mW
660
down/DAC
Power-down/ADC, fS = 48
633
kHz/DAC
Full power-down(13)
1.67
TEMPERATURE RANGE
PCM3168A Consumer
Operating temperature
–40
85
°C
grade
θJA
Thermal resistance
HTQFP-64
21
°C/W
(13) Halt SCKI, BCKAD, BCKDA, LRCKAD, and LRCKDA.
8.6 Timing Requirements: System Clock
Refer to Figure 1.
MIN
MAX
UNIT
tSCY
System clock pulse cycle time
27
ns
tSCH
System clock pulse width high
10
ns
tSCL
System clock pulse width low
10
ns
tDTY
System clock pulse duty cycle
40%
60%
12
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
Product Folder Links: PCM3168A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com