Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM3168APAPR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # PCM3168APAPR
Description  Audio Codec
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM3168APAPR Datasheet(HTML) 5 Page - Texas Instruments

  PCM3168APAPR Datasheet HTML 1Page - Texas Instruments PCM3168APAPR Datasheet HTML 2Page - Texas Instruments PCM3168APAPR Datasheet HTML 3Page - Texas Instruments PCM3168APAPR Datasheet HTML 4Page - Texas Instruments PCM3168APAPR Datasheet HTML 5Page - Texas Instruments PCM3168APAPR Datasheet HTML 6Page - Texas Instruments PCM3168APAPR Datasheet HTML 7Page - Texas Instruments PCM3168APAPR Datasheet HTML 8Page - Texas Instruments PCM3168APAPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 66 page
background image
PCM3168A
www.ti.com
SBAS452A – SEPTEMBER 2008 – REVISED JANUARY 2016
Pin Functions
PIN
PULL-
5-V
I/O
DESCRIPTION
DOWN
TOLERANT
NO.
NAME
1
VCOMAD
—
No
No
ADC analog common voltage decoupling
2
AGNDAD2
—
No
No
Analog ground 2 for ADC
3
VCCAD2
—
No
No
ADC analog power supply 2, 5 V
4
RST
I
Yes
Yes
Reset and power-down control input with active low
5
OVF
O
No
No
Overflow flag output for ADC
6
LRCKAD
I/O
Yes
No
Audio data word clock input/output for ADC
7
BCKAD
I/O
Yes
No
Audio data bit clock input/output for ADC
8
DOUT1
O
No
No
Audio data digital output for ADC1 and ADC2
9
DOUT2
O
No
No
Audio data digital output for ADC3 and ADC4
10
DOUT3
O
No
No
Audio data digital output for ADC5 and ADC6
11
DGND2
—
No
No
Digital ground 2
12
VDD2
—
No
No
Digital power supply 2, 3.3 V
13
ZERO
O
No
No
Zero detect flag output for DAC
14
VCCDA1
—
No
No
DAC analog power supply 1, 5 V
15
VCOMDA
—
No
No
DAC voltage common decoupling
16
AGNDDA1
—
No
No
Analog ground 1 for DAC
17
VOUT8+
O
No
No
Positive analog output from DAC8
18
VOUT8–
O
No
No
Negative analog output from DAC8
19
VOUT7+
O
No
No
Positive analog output from DAC7
20
VOUT7–
O
No
No
Negative analog output from DAC7
21
VOUT6+
O
No
No
Positive analog output from DAC6
22
VOUT6–
O
No
No
Negative analog output from DAC6
23
VOUT5+
O
No
No
Positive analog output from DAC5
24
VOUT5–
O
No
No
Negative analog output from DAC5
25
VOUT4+
O
No
No
Positive analog output from DAC4
26
VOUT4–
O
No
No
Negative analog output from DAC4
27
VOUT3+
O
No
No
Positive analog output from DAC3
28
VOUT3–
O
No
No
Negative analog output from DAC3
29
VOUT2+
O
No
No
Positive analog output from DAC2
30
VOUT2–
O
No
No
Negative analog output from DAC2
31
VOUT1+
O
No
No
Positive analog output from DAC1
32
VOUT1–
O
No
No
Negative analog output from DAC1
33
AGNDDA2
—
No
No
Analog ground 2 for DAC
34
VCCDA2
—
No
No
DAC analog power supply 2, 5 V
35
LRCKDA
I/O
Yes
No
Audio data word clock input/output for DAC
36
BCKDA
I/O
Yes
No
Audio data bit clock input/output for DAC
37
DIN1
I
No
No
Audio data input for DAC1 and DAC2
38
DIN2
I
No
No
Audio data input for DAC3 and DAC4
39
DIN3
I
No
No
Audio data input for DAC5 and DAC6
40
DIN4
I
No
No
Audio data Input for DAC7 and DAC8
41
SCKI
I
No
Yes
System clock input
Clock for SPI, clock for I2C, format select for hardware control
42
MC/SCL/FMT
I
No
Yes
mode
Input data for SPI, data for I2C(1), de-emphasis control for hardware
43
MDI/SDA/DEMP
I/O
No
Yes
control mode
(1)
Open-drain configuration in I2C.
Copyright © 2008–2016, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: PCM3168A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com