Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM3168APAPR Datasheet(PDF) 47 Page - Texas Instruments

Click here to check the latest version.
Part # PCM3168APAPR
Description  Audio Codec
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM3168APAPR Datasheet(HTML) 47 Page - Texas Instruments

Back Button PCM3168APAPR Datasheet HTML 43Page - Texas Instruments PCM3168APAPR Datasheet HTML 44Page - Texas Instruments PCM3168APAPR Datasheet HTML 45Page - Texas Instruments PCM3168APAPR Datasheet HTML 46Page - Texas Instruments PCM3168APAPR Datasheet HTML 47Page - Texas Instruments PCM3168APAPR Datasheet HTML 48Page - Texas Instruments PCM3168APAPR Datasheet HTML 49Page - Texas Instruments PCM3168APAPR Datasheet HTML 50Page - Texas Instruments PCM3168APAPR Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 66 page
background image
PCM3168A
www.ti.com
SBAS452A – SEPTEMBER 2008 – REVISED JANUARY 2016
Table 24. Register: ADC Control 2
DEC
HEX
B7
B6
B5
B4
B3
B2
B1
B0
82
52
—
PSVAD2
PSVAD1
PSVAD0
—
BYP2
BYP1
BYP0
PSVAD[2:0]
ADC Power-save control
These bits control the ADC power-save mode. In power-save mode, DOUT is forced into ZERO with a fade-out
sequence, the internal ADC data are reset, and the ADC goes into a power-down state. For power-save mode release, a
fade-in sequence is applied on DOUT in resume process. The serial mode control is enabled during this mode. Wait
times greater than tADCDLY2 are required for the status change because of the power-save control turning on/off.
Default value: 000.
PSVAD
ADC Power-save control
xx0
ADC1/2 normal operation
xx1
ADC1/2 power-save mode
x0x
ADC3/4 normal operation
x1x
ADC3/4 power-save mode
0xx
ADC5/6 normal operation
1xx
ADC5/6 power-save mode
BYP[2:0]
ADC HPF bypass control
These bits control the HPF function and dc components of the input signal; internal dc offset is converted in bypass
mode.
Default value: 000.
BYP
ADC HPF bypass control
xx0
ADC1/2 normal output, HPF enabled
xx1
ADC1/2 bypassed output, HPF disabled
x0x
ADC3/4 normal output, HPF enabled
x1x
ADC3/4 bypassed output, HPF disabled
0xx
ADC5/6 normal output, HPF enabled
1xx
ADC5/6 bypassed output, HPF disabled
Table 25. Register: ADC Input Configuration
DEC
HEX
B7
B6
B5
B4
B3
B2
B1
B0
83
53
—
—
SEAD6
SEAD5
SEAD4
SEAD3
SEAD2
SEAD1
SEAD[6:1]
ADC Input configuration control
These bits control the input configuration of each ADC channel, differential or single-ended.
Default value: 00 0000 (all ADC channels have differential inputs).
SEAD
ADC Input configuration
xx xxx0
ADC1 differential input
xx xxx1
ADC1 single-ended input
xx xx0x
ADC2 differential input
xx xx1x
ADC2 single-ended input
xx x0xx
ADC3 differential input
xx x1xx
ADC3 single-ended input
xx 0xxx
ADC4 differential input
xx 1xxx
ADC4 single-ended input
x0 xxxx
ADC5 differential input
x1 xxxx
ADC5 single-ended input
0x xxxx
ADC6 differential input
1x xxxx
ADC6 single-ended input
Copyright © 2008–2016, Texas Instruments Incorporated
Submit Documentation Feedback
47
Product Folder Links: PCM3168A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com