Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM3168APAPR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # PCM3168APAPR
Description  Audio Codec
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM3168APAPR Datasheet(HTML) 1 Page - Texas Instruments

  PCM3168APAPR Datasheet HTML 1Page - Texas Instruments PCM3168APAPR Datasheet HTML 2Page - Texas Instruments PCM3168APAPR Datasheet HTML 3Page - Texas Instruments PCM3168APAPR Datasheet HTML 4Page - Texas Instruments PCM3168APAPR Datasheet HTML 5Page - Texas Instruments PCM3168APAPR Datasheet HTML 6Page - Texas Instruments PCM3168APAPR Datasheet HTML 7Page - Texas Instruments PCM3168APAPR Datasheet HTML 8Page - Texas Instruments PCM3168APAPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 66 page
background image
PCM3168A
DSP
6 Channel
Differential
Analog Audio
Source
x4
x4
x4
x4
Output
Filters
TAS5424
C-Q1
TAS5424
C-Q1
Input
Filters
Burr-BrownAudio
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
PCM3168A
SBAS452A – SEPTEMBER 2008 – REVISED JANUARY 2016
PCM3168A 24-Bit, 96-kHz/192-kHz, 6-In/8-Out Audio Codec With Differential Input/Output
1 Features
•
Multi Functions Through H/W Control:
–
Audio I/F Mode/Format Select
1
•
24-Bit
ΔΣ ADC and DAC
–
Digital De-Emphasis Filter: 44.1 kHz for DAC
•
Six-ChanneL ADC:
•
External Reset Pin:
–
High Performance: Differential and Single-
Ended, fS = 48 kHz
–
ADC/DAC Simultaneous
–
THD+N: –93 dB (Differential and Single-
•
Audio Interface Mode:
Ended)
–
ADC/DAC Independent Master and Slave
–
SNR: 107 dB (Differential),
•
Audio Data Format:
104 dB (Single-Ended)
–
ADC/DAC Independent I2S™, Left-Justified,
–
Dynamic Range: 107 dB (Differential),
Right-Justified, DSP, TDM
104 dB (Single-Ended)
•
Power Supplies: 5 V for Analog and 3.3 V for
–
Sampling Rate: 8 kHz to 96 kHz
Digital
–
System Clock: 256 fS, 384 fS, 512 fS, 768 fS
•
Package: HTQFP-64
–
Differential Voltage Input: 2 VRMS
•
Operating Temperature Range:
–
Single-Ended Voltage Input: 1 VRMS
–
Consumer Grade: –40°C to 85°C
–
Decimation Filter:
–
Automotive Audio Grade: –40°C to 105°C
–
Passband Ripple: ±0.035 dB
2 Applications
–
Stop Band Attenuation: –75 dB
•
Car Audio External Amplifiers
–
On-Chip, Highpass Filter:
0.96 Hz at fS = 48 kHz
•
Car Audio AVN Applications
–
Overflow Flag
•
Home Theaters
•
Eight-Channel DAC:
•
AV Receivers
–
High Performance: Differential, fS = 48 kHz
3 Description
–
THD+N: –94 dB
The PCM3168A device is a high-performance, single-
–
SNR: 112 dB
chip, 24-bit, 6-in/8-out, audio coder and decoder
–
Dynamic Range: 112 dB
(codecs) with single-ended and differential-selectable
analog inputs and differential outputs.
–
Sampling Rate: 8 kHz to 192 kHz
–
System Clock: 128 fS, 192 fS, 256 fS, 384 fS,
Device Information(1)
512 fS, 768 fS
PART NUMBER
PACKAGE
BODY SIZE (NOM)
–
Differential Voltage Output: 8 VPP
PCM3168A
HTQFP (64)
10.00 mm x 10.00 mm
–
Analog Lowpass Filter Included
(1) For all available packages, see the orderable addendum at
–
4x/8x Oversampling Digital Filter:
the end of the data sheet.
–
Passband Ripple: ±0.0018 dB
Simplified Application Diagram
–
Stop Band Attenuation: –75 dB
–
Zero Flag
•
Flexible Mode Control:
–
Four-Wire SPI™, Two-Wire I2C™ Compatible
Serial Control Interface or Hardware Control
•
Multi Functions Through SPI or I2C I/F:
–
Audio I/F Mode and Format Select for ADC
and DAC
–
Digital Attenuation and Soft Mute for ADC and
DAC
–
Digital De-Emphasis: 32, 44.1, and 48 kHz for
DAC
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - PCM3168APAPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM3168APAPR TI-PCM3168APAPR Datasheet
1Mb / 66P
24-Bit, 96-kHz/192-kHz, 6-In/8-Out Audio Codec with Differential Input/Output
PCM3168APAPRG4 TI-PCM3168APAPRG4 Datasheet
1Mb / 66P
24-Bit, 96-kHz/192-kHz, 6-In/8-Out Audio Codec with Differential Input/Output
More results

Similar Description - PCM3168APAPR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UDA1342TS PHILIPS-UDA1342TS Datasheet
180Kb / 44P
Audio CODEC
2000 Mar 29
logo
OKI electronic componet...
MSM7732-01 OKI-MSM7732-01 Datasheet
302Kb / 29P
Audio CODEC
logo
Gennum Corporation
GS9023B GENNUM-GS9023B Datasheet
714Kb / 56P
Embedded Audio CODEC
logo
STMicroelectronics
AN3225 STMICROELECTRONICS-AN3225 Datasheet
263Kb / 13P
Audio software codec
06-Nov-2012
logo
Texas Instruments
PCM3070 TI1-PCM3070_14 Datasheet
1Mb / 49P
Stereo Audio Codec
TLC320AD90C TI1-TLC320AD90C Datasheet
232Kb / 51P
Stereo Audio Codec
TLV320AIC27 TI1-TLV320AIC27_05 Datasheet
738Kb / 10P
STEREO AUDIO CODEC
logo
LAPIS Semiconductor Co....
ML7041 LAPIS-ML7041 Datasheet
381Kb / 28P
Audio CODEC
logo
Analog Devices
ADAU1361 AD-ADAU1361 Datasheet
1Mb / 80P
Audio Codec
8/2018-Rev. C to Rev. D
ADAU1761 AD-ADAU1761_18 Datasheet
1Mb / 93P
Audio Codec
7/2018-Rev. C to Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com