Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM3168APAPR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # PCM3168APAPR
Description  Audio Codec
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM3168APAPR Datasheet(HTML) 4 Page - Texas Instruments

  PCM3168APAPR Datasheet HTML 1Page - Texas Instruments PCM3168APAPR Datasheet HTML 2Page - Texas Instruments PCM3168APAPR Datasheet HTML 3Page - Texas Instruments PCM3168APAPR Datasheet HTML 4Page - Texas Instruments PCM3168APAPR Datasheet HTML 5Page - Texas Instruments PCM3168APAPR Datasheet HTML 6Page - Texas Instruments PCM3168APAPR Datasheet HTML 7Page - Texas Instruments PCM3168APAPR Datasheet HTML 8Page - Texas Instruments PCM3168APAPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 66 page
background image
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
MODE
DGND1
VDD1
MS/ADR0/MD0
MDO/ADR1/MD1
MDI/SDA/DEMP
MC/SCL/FMT
SCKI
DIN4
DIN3
DIN2
DIN1
BCKDA
LRCKDA
VCCDA2
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
VCOMAD
AGNDAD2
VCCAD2
RST
OVF
LRCKAD
BCKAD
DOUT1
DOUT2
DOUT3
DGND2
VDD2
ZERO
VCCDA1
VCOMDA
AGNDDA1
64
63
62
61
60
59
58
57
56
55
54
17
18
19
20
21
22
23
24
25
26
27
53
52
51
50
49
28
29
30
31
32
PCM3168A
PCM3168A-Q1
PowerPAD
(ConnectedtoAnalogGround)
AGNDDA2
PCM3168A
SBAS452A – SEPTEMBER 2008 – REVISED JANUARY 2016
www.ti.com
7 Pin Configuration and Functions
PAP Package
64-Pin HTQFP With PowerPAD
Top View
4
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
Product Folder Links: PCM3168A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com