Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM3168APAPR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # PCM3168APAPR
Description  Audio Codec
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM3168APAPR Datasheet(HTML) 13 Page - Texas Instruments

Back Button PCM3168APAPR Datasheet HTML 9Page - Texas Instruments PCM3168APAPR Datasheet HTML 10Page - Texas Instruments PCM3168APAPR Datasheet HTML 11Page - Texas Instruments PCM3168APAPR Datasheet HTML 12Page - Texas Instruments PCM3168APAPR Datasheet HTML 13Page - Texas Instruments PCM3168APAPR Datasheet HTML 14Page - Texas Instruments PCM3168APAPR Datasheet HTML 15Page - Texas Instruments PCM3168APAPR Datasheet HTML 16Page - Texas Instruments PCM3168APAPR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 66 page
background image
PCM3168A
www.ti.com
SBAS452A – SEPTEMBER 2008 – REVISED JANUARY 2016
8.7 Timing Requirements: Power-On Reset
Refer to Figure 2.
SINGLE
DUAL
QUAD
UNIT
DAC delay time internal reset release to
tDACDLY1
3600
7200
14400
Period of LRCKDA
VOUT start
tDACDLY2
DAC fade-in/fade-out time
2048
4096
8192
Period of LRCKDA
ADC delay time internal reset release to
tADCDLY1
4800
9600
N/A
Period of LRCKAD
DOUT start
tADCDLY2
ADC fade-in/fade-out time
2048
4096
N/A
Period of LRCKAD
8.8 Timing Requirements: Audio Interface for Left-Justified, Right-Justified, and I
2S (Slave
Mode)
(1)
Refer to Figure 3.
MIN
NOM
MAX
UNIT
tBCY
BCKAD/DA cycle time
75
ns
tBCH
BCKAD/DA pulse width high
35
ns
tBCL
BCKAD/DA pulse width low
35
ns
tLRS
LRCKAD/DA setup time to BCKAD/DA rising edge
10
ns
tLRH
LRCKAD/DA hold time to BCKAD/DA rising edge
10
ns
tDIS
DIN1/2/3/4 setup time to BCKDA rising edge
10
ns
tDIH
DIN1/2/3/4 hold time to BCKDA rising edge
10
ns
tDOD
DOUT1/2/3 delay time from BCKAD falling edge
0
30
ns
(1)
Load capacitance of output is 20 pF.
8.9 Timing Requirements: Audio Interface for Left-Justified, Right-Justified, and I
2S (Master
Mode)
(1)
Refer to Figure 4.
MIN
TYP
MAX
UNIT
tBCY
BCKAD/DA cycle time
1 / (64 × fS)
tBCH
BCKAD/DA pulse width high
0.4 × tBCY
0.5 × tBCY
0.6 × tBCY
tBCL
BCKAD/DA pulse width low
0.4 × tBCY
0.5 × tBCY
0.6 × tBCY
tLRD
LRCKAD/DA delay time from BCKAD/DA falling edge
–10
20
ns
tDIS
DIN1/2/3/4 setup time to BCKDA rising edge
10
ns
tDIH
DIN1/2/3/4 hold time to BCKDA rising edge
10
ns
tDOD
DOUT1/2/3 delay time from BCKAD falling edge
–10
20
ns
(1)
Load capacitance of output is 20 pF.
Copyright © 2008–2016, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: PCM3168A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com