Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM3168APAPR Datasheet(PDF) 55 Page - Texas Instruments

Click here to check the latest version.
Part # PCM3168APAPR
Description  Audio Codec
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM3168APAPR Datasheet(HTML) 55 Page - Texas Instruments

Back Button PCM3168APAPR Datasheet HTML 51Page - Texas Instruments PCM3168APAPR Datasheet HTML 52Page - Texas Instruments PCM3168APAPR Datasheet HTML 53Page - Texas Instruments PCM3168APAPR Datasheet HTML 54Page - Texas Instruments PCM3168APAPR Datasheet HTML 55Page - Texas Instruments PCM3168APAPR Datasheet HTML 56Page - Texas Instruments PCM3168APAPR Datasheet HTML 57Page - Texas Instruments PCM3168APAPR Datasheet HTML 58Page - Texas Instruments PCM3168APAPR Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 66 page
background image
PCM3168A
www.ti.com
SBAS452A – SEPTEMBER 2008 – REVISED JANUARY 2016
12 Layout
12.1 Layout Guidelines
12.1.1 Power-Supply Pins (VCCAD1/2, VCCDA1/2, and VDD1/2)
The digital and analog power-supply pins of the PCM3168A device should be bypassed to the corresponding
ground pins with 1-
μF ceramic capacitors placed as close to the pins as possible. Each power-supply line (VCC
and VDD) to the PCM3168A device should be bypassed to the corresponding ground pins with 10-μF electrolytic
capacitors to maximize the dynamic performance of the ADC and DAC.
Although the PCM3168A device has two power lines to maximize the potential of dynamic performance, using
one common source (for instance, a 5-V power supply for VCC and a 3.3-V power supply for VDD generated from
one common source) is recommended to avoid unexpected power-supply trouble such as latch-up or incorrect
power-supply conditions. Also, simultaneous power-on/off of VCC and VDD is recommended to avoid unexpected
transient responses in outputs, though the power-supply sequence of VCC and VDD is not specified in the
operation and absolute maximum ratings point of view.
12.1.2 Grounding (AGNDAD1/2, AGNDDA1/2, and DGND1/2)
To maximize the dynamic performance of the PCM3168A device, the analog and digital grounds are not
connected internally. These pins should have very low impedances to avoid digital noise and signal components
feeding back into the analog ground. All ground pins should be connected directly to each other under the part,
and the device should be connected to the analog ground of the application, as with acceptable analog layout
practices; this layout reduces the potential of noise problems.
12.1.3 VIN1±, VIN2±, VIN3±, VIN4±, VIN5±, and VIN6± Pins
In case of direct interface to VINx±, 1-
μF electrolytic capacitors are recommended because the ac-coupling
capacitor (which gives a 2-Hz HPF corner frequency and 47-
Ω and 0.1-μF to 470-Ω and 0.001-μF differential
LPF) is recommended as the anti-aliasing filter that gives a 160-kHz LPF corner frequency. If signal source
impedance is not enough (too low) or input line length to the VINx± is not enough (too short), insertion of an
analog front-end buffer (see Figure 58 to Figure 60) is recommended to maximize the dynamic performance. The
voltage coefficient of the capacitor for an anti-aliasing filter should be considered to maximize the THD
performance. A film-type capacitor is recommended; if a ceramic capacitor is used, a relatively higher voltage
type is recommended.
There are three ways to terminate any unused input pins. First, terminate these pins to AGNDAD with 0.001-
μF
to 1-
μF capacitors. This termination is applied on unused pins whose channels are configured in single-ended
mode. The second form of termination is to connect the positive (+) pin and negative (–) pins together and
terminating these to AGNDAD with 0.001-
μF to 1-μF capacitors. This option applies to unused pins with channels
that are configured in differential mode. The last termination method is to terminate the pins directly to VCOMAD;
this option can be applied on unused pins with unused channels combined into two channels that are then
configured in power-save mode.
12.1.4 VCOMAD and VCOMDA Pins
10-
μF electrolytic capacitors are recommended between VCOMAD and AGNDAD, and VCOMDA and AGNDDA
to ensure a low source impedance of ADC and DAC common voltages. These capacitors should be located as
close to each pin as possible to reduce dynamic errors on the ADC and DAC common voltages.
12.1.5 VREFAD1/2 Pins
10-
μF electrolytic capacitors are recommended between VREFAD1/2 and AGNDAD to ensure low source
impedances of ADC references. These capacitors should be located as close to each pin as possible to reduce
dynamic errors on ADC references.
Copyright © 2008–2016, Texas Instruments Incorporated
Submit Documentation Feedback
55
Product Folder Links: PCM3168A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com