Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM3168APAPR Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # PCM3168APAPR
Description  Audio Codec
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM3168APAPR Datasheet(HTML) 32 Page - Texas Instruments

Back Button PCM3168APAPR Datasheet HTML 28Page - Texas Instruments PCM3168APAPR Datasheet HTML 29Page - Texas Instruments PCM3168APAPR Datasheet HTML 30Page - Texas Instruments PCM3168APAPR Datasheet HTML 31Page - Texas Instruments PCM3168APAPR Datasheet HTML 32Page - Texas Instruments PCM3168APAPR Datasheet HTML 33Page - Texas Instruments PCM3168APAPR Datasheet HTML 34Page - Texas Instruments PCM3168APAPR Datasheet HTML 35Page - Texas Instruments PCM3168APAPR Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 66 page
background image
PCM3168A
SBAS452A – SEPTEMBER 2008 – REVISED JANUARY 2016
www.ti.com
The de-emphasis filter is enabled by the MDI/SDA/DEMP pin. The de-emphasis frequency is fixed at 44.1 kHz in
hardware control mode, as shown in Table 9. The software mode provides full selections of 32 kHz, 44.1 kHz,
and 48 kHz.
Table 9. Hardware Control Mode
DEMP (DE-EMPHASIS FILTER ENABLE)
DESCRIPTION
Low
44.1 kHz, de-emphasis disabled
High
44.1 kHz, de-emphasis enabled
The audio interface and the sampling mode are selected by the MS/ADR0/MD0 and MDO/ADR1/MD1 pins. The
selectable multiple of the master mode audio interface is limited between 256 fS, 384 fS, and 512 fS; the
selectable sampling mode is limited as shown in Table 10. The software mode provides full selections.
Table 10. Selectable Sampling Mode
DESCRIPTION
MD1
MD0
INTERFACE MODE
SAMPLING MODE
ADC
DAC
ADC
DAC
Low
Low
Slave(1)
Slave(1)
Auto(2)
Auto(2)
Low
High
Master, 512 fS
Slave(1)
Single rate
Auto(2)
High
Low
Master, 384 fS
Slave(1)
Dual rate
Auto(2)
High
High
Master, 256 fS
Slave(1)
Dual rate
Auto(2)
(1)
The multiples between system clock and sampling frequency are automatically detected; 256 fS, 384 fS, 512 fS, and 768 fS are
acceptable for ADC operation, and 128 fS, 192 fS, 256 fS, 384 fS, 512 fS, and 768 fS are acceptable for DAC operation.
(2)
The sampling mode is automatically set as single rate for 512 fS and 768 fS, dual rate for 256 fS and 384 fS, and quad rate for 128 fS and
198 fS, according to the detected multiples between the system clock and sampling clock.
9.4.3 Audio Serial Port Operation
The PCM3168A device audio serial port consists of 11 signals: BCKDA, BCKAD, LRCKDA, LRCKAD, DIN1,
DIN2, DIN3, DIN4, DOUT1, DOUT2, and DOUT3. The PCM3168A device also supports audio-interface mode,
slave mode, and master mode. The BCKAD/DA is a bit clock input at the slave mode and an output at the
master mode. The LRCKAD/DA is a left/right word clock or frame synchronization clock input at slave mode and
output at master mode. The DIN1/2/3/4 are the audio data inputs for the DAC. The DOUT1/2/3 are the audio
data outputs from the ADC. BCKAD, LRCKAD and DOUT1/2/3 are used for the ADC, and BCKDA, LRCKDA and
DIN1/2/3/4 are used for the DAC.
9.4.4 Audio Data Interface Formats and Timing
The PCM3168A device supports eight audio data interface formats for the ADC and DAC separately in both
master and slave modes: 24-bit I2S, 24-bit left-justified, 24-bit right-justified, 16-bit right-justified, 24-bit left-
justified mode DSP, 24-bit I2S mode DSP, 24-bit left-justified mode TDM, and 24-bit I2S mode TDM format. The
PCM3168A device also supports two audio data interface formats for the DAC and slave mode: 24-bit left-
justified mode high-speed TDM and 24-bit I2S mode high-speed TDM format. In the case of I2S, left-justified, and
right-justified data formats, 64 BCKs, 48 BCKs, and 32 BCKs per LRCK period are supported, but 48 BCKs are
limited in slave mode and 32 BCKs are limited in slave mode 16-bit right-justified only. In the case of TDM data
format in single rate, BCKAD/DA, LRCKAD/DA, DOUT1, and DIN1 are used. In the case of TDM data format in
dual rate, BCKAD/DA, LRCKAD/DA, DOUT1/2, and DIN1/2 are used. In the case of high-speed TDM format in
dual rate, BCKDA, LRCKDA, and DIN1 are used. In the case of high-speed TDM format in quad rate, BCKDA,
LRCKDA, and DIN1/2 are used. TDM format and high-speed TDM format are supported only at SCKI = 512 fS,
256 fS, 128 fS, and fBCK ≤ fSCKI. The audio data formats are selected by MC/SCL/FMT in hardware control mode
and registers 65 and 81 in software control mode. All data must be in binary twos complement, MSB first.
Figure 47 through Figure 53 show 10 audio interface data formats. Table 11 summarizes the applicable formats
and describes the relationships among them and the respective restrictions with mode control.
32
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
Product Folder Links: PCM3168A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com