Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM3168APAPR Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # PCM3168APAPR
Description  Audio Codec
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM3168APAPR Datasheet(HTML) 33 Page - Texas Instruments

Back Button PCM3168APAPR Datasheet HTML 29Page - Texas Instruments PCM3168APAPR Datasheet HTML 30Page - Texas Instruments PCM3168APAPR Datasheet HTML 31Page - Texas Instruments PCM3168APAPR Datasheet HTML 32Page - Texas Instruments PCM3168APAPR Datasheet HTML 33Page - Texas Instruments PCM3168APAPR Datasheet HTML 34Page - Texas Instruments PCM3168APAPR Datasheet HTML 35Page - Texas Instruments PCM3168APAPR Datasheet HTML 36Page - Texas Instruments PCM3168APAPR Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 66 page
background image
LRCKAD/DA
Ch2(Dx1)orCh4(Cx2)
Ch6(Dx3)orCh8(DIN4)
23 22 21
2
1
0
23 22 21
2
1
0
LSB
LSB
MSB
MSB
23 22 21
2
1
0
23 22 21
2
1
0
LSB
LSB
MSB
MSB
0
0
Ch1(Dx1)orCh3(Cx2)
Ch5(Dx3)orCh7(DIN4)
BCKAD/DA
DIN1/2/3/4
DOUT1/2/3
LRCKAD/DA
23 22
2
1
0
2
1
0
21
23 22 21
LSB
LSB
MSB
MSB
23
23
23
22
2
1
0
2
1
0
21
23 22 21
LSB
LSB
MSB
MSB
Ch2(Dx1)orCh4(Dx2)
Ch6(Dx3)orCh8(DIN4)
Ch1(Dx1)orCh3(Dx2)
Ch5(Dx3)orCh7(DIN4)
BCKAD/DA
DIN1/2/3/4
DOUT1/2/3
LRCKAD/DA
Ch1(Dx1)orCh3(Dx2)
Ch5(Dx3)orCh7(DIN4)
0
0
1
1
2
2
21
21
22
22
23
23
0
0
1
1
2
2
21
21
22
22
23
23
MSB
MSB
MSB
MSB
LSB
LSB
LSB
LSB
Ch2(Dx1)orCh4(Dx2)
Ch6(Dx3)orCh8(DIN4)
BCKAD/DA
DIN1/2/3/4
DOUT1/2/3
PCM3168A
www.ti.com
SBAS452A – SEPTEMBER 2008 – REVISED JANUARY 2016
Table 11. Audio Data Interface Formats and Sampling Rate, Bit Clock, and System Clock Restrictions
CONTROL
MAX LRCK
FORMAT
I/F MODE
DATA BITS
SCKI RATE (xfS)
BCK RATE (xfS)
APPLICABLE PINS
MODE
FREQUENCY (fS)
24
64, 48 (slave)(1)
I2S/Left-Justified
64, 48 (slave)(1),
Right-Justified
24, 16
96 kHz (ADC)
256 to 768 (ADC)
DOUT1/2/3
32 (slave, 16 bit)(1)
192 kHz (DAC)
128 to 768 (DAC)
DIN1/2/3/4
Master/Slave
I2S/Left-Justified
24
64
Software
DSP
control
24
48 kHz
256, 512
256
DOUT1, DIN1
I2S/ Left-Justified
TDM
24
96 kHz
128 (DAC)(2), 256
128
DOUT1/2, DIN1/2
24
96 kHz
256
256
DIN1
Slave and
High-Speed I2S/Left-
DAC Only(3)
Justified TDM
24
192 kHz
128
128
DIN1/2
96 kHz (ADC)
256 to 768 (ADC)
DOUT1/2/3
24
64, 48 (slave)(1)
I2S
192 kHz (DAC)
128 to 768 (DAC)
DIN1/2/3/4
Hardware
Master
control
(ADC), Slave
24
48 kHz
512
256
DOUT1, DIN1
I2S TDM
24
96 kHz
256
128
DOUT1/2, DIN1/2
(1)
BCK = 48 fS, 32 fS is supported only in slave mode; BCK = 32 fS is supported only for 16-bit data length.
(2)
SCKI = 128 fS is supported only for DAC.
(3)
High-Speed I2S/Left-Justified TDM format is supported only for DAC operation in slave mode.
Figure 47. Audio Data Format: 24-Bit I2S
Figure 48. Audio Data Format: 24-Bit Left-Justified
Figure 49. Audio Data Format: 24-Bit Right-Justified
Copyright © 2008–2016, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Links: PCM3168A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com