Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM3168APAPR Datasheet(PDF) 52 Page - Texas Instruments

Click here to check the latest version.
Part # PCM3168APAPR
Description  Audio Codec
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM3168APAPR Datasheet(HTML) 52 Page - Texas Instruments

Back Button PCM3168APAPR Datasheet HTML 48Page - Texas Instruments PCM3168APAPR Datasheet HTML 49Page - Texas Instruments PCM3168APAPR Datasheet HTML 50Page - Texas Instruments PCM3168APAPR Datasheet HTML 51Page - Texas Instruments PCM3168APAPR Datasheet HTML 52Page - Texas Instruments PCM3168APAPR Datasheet HTML 53Page - Texas Instruments PCM3168APAPR Datasheet HTML 54Page - Texas Instruments PCM3168APAPR Datasheet HTML 55Page - Texas Instruments PCM3168APAPR Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 66 page
background image
0
20
40
60
80
100
120
140
160
-
-
-
-
-
-
-
-
20
Frequency(kHz)
0
5
10
15
0
20
40
60
80
100
120
140
160
-
-
-
-
-
-
-
-
20
Frequency(kHz)
0
5
10
15
PCM3168A
SBAS452A – SEPTEMBER 2008 – REVISED JANUARY 2016
www.ti.com
Typical Application (continued)
10.2.1 Design Requirements
For this design example, use the parameters listed in Table 31.
Table 31. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
PCM audio, differential analog
Audio input
audio
PCM audio, differential analog
Audio output
audio
Control
I2C, SPI
10.2.2 Detailed Design Procedure
10.2.2.1 Analog Input and Output
It is recommended that input and output filters be used to condition the inputs and outputs. Input filters can be
used to convert a single ended signal into a differential signal while also attenuating out of band noise. Another
use of an input filter for the ADC it to reduce a 2-VRMS signal to a 1-VRMS input, which is the limit of the ADC
input. Output filters can be used to go from differential to single ended, while reducing a differential signal that is
8 VPP to a 2-VRMS signal. The output filter can also attenuate out of band noise.
10.2.2.2 PCM Interface
The PCM3168A has the capability of inputting 8 PCM channels over 4 data pins in normal PCM mode, or can
operate in TDM mode to take in 8 channels on one data pin. The PCM3168A can also output up to 6 PCM
channels over 3 data pins, or over 1 pin in TDM mode.
10.2.3 Application Curves
–1 dB, N = 32768
0 dB, N = 32768
Figure 55. ADC Output Spectrum
Figure 56. DAC Output Spectrum
52
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
Product Folder Links: PCM3168A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com