Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM3168APAPR Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # PCM3168APAPR
Description  Audio Codec
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM3168APAPR Datasheet(HTML) 27 Page - Texas Instruments

Back Button PCM3168APAPR Datasheet HTML 23Page - Texas Instruments PCM3168APAPR Datasheet HTML 24Page - Texas Instruments PCM3168APAPR Datasheet HTML 25Page - Texas Instruments PCM3168APAPR Datasheet HTML 26Page - Texas Instruments PCM3168APAPR Datasheet HTML 27Page - Texas Instruments PCM3168APAPR Datasheet HTML 28Page - Texas Instruments PCM3168APAPR Datasheet HTML 29Page - Texas Instruments PCM3168APAPR Datasheet HTML 30Page - Texas Instruments PCM3168APAPR Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 66 page
background image
0
20
40
60
80
100
120
140
160
180
200
-
-
-
-
-
-
-
-
-
-
2.0
NormalizedFrequency(f )
S
0
0.5
1.0
1.5
DSM_Dual
DSM_Single
DF_Single
DF_Dual
0
20
40
60
80
100
120
140
160
180
200
-
-
-
-
-
-
-
-
-
-
2.0
NormalizedFrequency(f )
S
0
0.5
1.0
1.5
DSM_Dual
DSM_Single
DSM_Quad
DF_Dual
DF_Single
DF_Quad
PCM3168A
www.ti.com
SBAS452A – SEPTEMBER 2008 – REVISED JANUARY 2016
Table 5. DAC Digital Filter OSR, Modulator OSR, and Noise-Free Shaped Bandwidth
for Each Sampling Mode (continued)
NOISE-FREE SHAPED
BANDWIDTH
SAMPLING MODE
SYSTEM CLOCK
DIGITAL FILTER OSR
MODULATOR OSR
REGISTER SETTING
RATE (fS)
fS = 48
fS = 96
fS = 192
kHz
kHz
kHz
512, 768
40
N/A
N/A
x8
x128
Single
256, 384
40
N/A
N/A
x8
x128
128, 192(1)(2)
20
N/A
N/A
x4
x64
256, 384
20
40
N/A
x8
x64
Dual
128, 192(1)(2)
20
40
N/A
x4
x64
Quad
128, 192(1)(2)
10
20
40
x4
x32
spacer
Figure 37. ADC
ΔΣ Modulator and Digital Filter
Figure 38. DAC
ΔΣ Modulator and Digital Filter
Characteristic
Characteristic
9.3.6 Reset Operation
The PCM3168A device has both an internal power-on reset circuit and an external reset circuit. The sequences
for both reset circuits are illustrated in Figure 2, Timing Requirements: Power-On Reset, and Figure 39. Figure 2
and Timing Requirements: Power-On Reset describe the timing chart at the internal power-on reset. Initialization
is triggered automatically at the point where VDD exceeds 2.2 V typical, and the internal reset is released after
3846 SCKI clock cycles from power-on if RST is kept high and SCKI is provided. VOUT from the DACs are
forced to the VCOMDA level initially (0.5 × VCCDA1) and settles at a specified level according to the rising VCC.
If synchronization among SCKI, BCKAD/DA, and LRCKAD/DA is maintained, VOUT starts to output with a fade-
in sequence after tDACDLY1 from the internal reset release; VOUT then provides an output that corresponds to DIN
after (3846 SCKI + tDACDLY1 + tDACDLY2) from power-on. Meanwhile, DOUT from the ADCs begins to output with a
fade-in sequence after tADCDLY1 from the internal reset release; DOUT then provides output corresponding to VIN
after (3846 SCKI + tADCDLY1 + tADCDLY2) from power-on. If the synchronization is not held, the internal reset is not
released and both operating modes are maintained at reset and power-down states; after the synchronization
forms again, both the DAC and ADC return to normal operation with the above sequences.
Figure 39 illustrates a timing chart at the external reset. RST accepts an external forced reset by RST = low, and
provides a device reset and power-down state that makes the lowest power dissipation state available in the
PCM3168A device. If RST goes from high to low under synchronization among SCKI, BCKAD/DA, and
LRCKAD/DA, the internal reset is asserted, all registers and memory are reset, and finally the PCM3168A device
enters into an all power-down state. At the same time, VOUT is immediately forced into the AGNDDA1 level and
DOUT becomes 0. To begin normal operation again, toggle RST high; the same power-up sequence as power-
on reset shown in Figure 2 is performed.
Copyright © 2008–2016, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Links: PCM3168A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com