Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM3168APAPR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # PCM3168APAPR
Description  Audio Codec
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM3168APAPR Datasheet(HTML) 9 Page - Texas Instruments

Back Button PCM3168APAPR Datasheet HTML 5Page - Texas Instruments PCM3168APAPR Datasheet HTML 6Page - Texas Instruments PCM3168APAPR Datasheet HTML 7Page - Texas Instruments PCM3168APAPR Datasheet HTML 8Page - Texas Instruments PCM3168APAPR Datasheet HTML 9Page - Texas Instruments PCM3168APAPR Datasheet HTML 10Page - Texas Instruments PCM3168APAPR Datasheet HTML 11Page - Texas Instruments PCM3168APAPR Datasheet HTML 12Page - Texas Instruments PCM3168APAPR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 66 page
background image
PCM3168A
www.ti.com
SBAS452A – SEPTEMBER 2008 – REVISED JANUARY 2016
8.5 Electrical Characteristics
At TA = 25°C, VCCAD1 = VCCAD2 = VCCDA1 = VCCDA2 = 5 V, VDD1 = VDD2 = 3.3 V, fS = 48 kHz, SCKI = 512 fS, 24-bit
data, Sampling Mode = Auto for ADC and DAC, and Interface Mode = Slave for ADC and DAC, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DATA FORMAT
Audio data interface format
I2S, LJ, RJ, DSP, TDM
Audio data word length
16, 24
Bits
Audio data format
MSB first, twos complement
fS
Sampling frequency, ADC
8
48
96
kHz
fS
Sampling frequency, DAC
8
48
192
kHz
128 fS, 192 fS, 256 fS,
System clock frequency
2.048
36.864
MHz
384 fS, 512 fS, 768 fS
INPUT LOGIC
VIH
(1) (2)
2
VDD
Input logic level
VDC
VIL
(1) (2)
0.8
VIH
(3) (4)
2
5.5
Input logic level
VDC
VIL
(3) (4)
0.8
IIH
(2) (3)
VIN = VDD
±10
Input logic level
μA
IIL
(2) (3)
VIN = 0 V
±10
IIH
(1) (4)
VIN = VDD
65
100
Input logic level
μA
IIL
(1) (4)
VIN = 0 V
±10
OUTPUT LOGIC
VOH
(5)
IOUT = –4 mA
2.4
Output logic level
VDC
VOL
(5) (6)
IOUT = 4 mA
0.4
REFERENCE INPUT/OUTPUT
VREFAD1 output voltage
VCCAD1
V
VREFAD2 output voltage
AGNDAD1
V
VCOMAD output voltage
0.5 × VCCAD1
V
VCOMAD output impedance
10
k
Ω
Allowable VCOMAD output
1
μA
source/sink current
VCOMDA output voltage
0.5 × VCCDA1
V
VCOMDA output impedance
7.5
k
Ω
Allowable VCOMDA output
1
μA
source/sink current
ADC CHARACTERISTICS
Resolution
16
24
Bits
VIN = 0 dB, Single-ended
0.2 × VCCAD1
VRMS
Full-scale input voltage
VIN = 0 dB, Differential
0.4 × VCCAD1
VRMS
Center voltage
0.5 × VCCAD1
V
Input impedance
45
k
Ω
Common-mode rejection ratio
80
dB
DC ACCURACY
Gain mismatch channel-to-channel
Full-scale input, VIN
±2.0
±6
% of FSR
Gain error
Full-scale input, VIN
±2.0
±6
% of FSR
Bipolar zero error
Highpass filter bypass, VIN
±1.0
% of FSR
(1)
BCKAD, BCKDA, LRCKAD, and LRCKDA (in slave mode, Schmitt trigger input with 50-k
Ω typical internal pulldown resistor).
(2)
DIN1/2/3/4 and MDO/ADR1/MD1. (Except SPI mode, Schmitt trigger input).
(3)
SCKI, MDI/SDA/DEMP, and MC/SCL/FMT (Schmitt trigger input, 5-V tolerant).
(4)
RST and MS/ADR0/MD0 (Schmitt trigger input with 50-k
Ω typical internal pulldown resistor, 5-V tolerant).
(5)
BCKAD, BCKDA, LRCKAD, and LRCKDA (in master mode), DOUT1/2/3, ZERO, OVF, and MDO/ADR1/MD1 (in SPI mode).
(6)
SDA (in I2C mode, open-drain low output).
Copyright © 2008–2016, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: PCM3168A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com