Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM3168APAPR Datasheet(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
Part # PCM3168APAPR
Description  Audio Codec
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM3168APAPR Datasheet(HTML) 46 Page - Texas Instruments

Back Button PCM3168APAPR Datasheet HTML 42Page - Texas Instruments PCM3168APAPR Datasheet HTML 43Page - Texas Instruments PCM3168APAPR Datasheet HTML 44Page - Texas Instruments PCM3168APAPR Datasheet HTML 45Page - Texas Instruments PCM3168APAPR Datasheet HTML 46Page - Texas Instruments PCM3168APAPR Datasheet HTML 47Page - Texas Instruments PCM3168APAPR Datasheet HTML 48Page - Texas Instruments PCM3168APAPR Datasheet HTML 49Page - Texas Instruments PCM3168APAPR Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 66 page
background image
PCM3168A
SBAS452A – SEPTEMBER 2008 – REVISED JANUARY 2016
www.ti.com
Table 22. Register: ADC Sampling Mode
DEC
HEX
B7
B6
B5
B4
B3
B2
B1
B0
80
50
—
—
—
—
—
—
SRAD1
SRAD0
SRAD[1:0]
ADC Sampling mode select
These bits control the sampling mode of ADC operation. In Auto mode, the sampling mode is automatically set according
to multiples between system clock and sampling clock, single rate for 512 fS and 768 fS, and dual rate for 256 fS and 384
fS.
Default value: 00.
SRAD
ADC Sampling mode select
00
Auto (default)
01
Single rate
10
Dual rate
11
Reserved
Table 23. Register: ADC Control 1
DEC
HEX
B7
B6
B5
B4
B3
B2
B1
B0
81
51
—
MSAD2
MSAD1
MSAD0
—
FMTAD2
FMTAD1
FMTAD0
MSAD[2:0]
ADC Master/slave mode select
These bits control the audio interface mode for ADC operation.
Default value: 000 (slave mode).
MSAD
ADC Master/slave mode select
000
Slave mode (default)
001
Master mode, 768 fS
010
Master mode, 512 fS
011
Master mode, 384 fS
100
Master mode, 256 fS
101
Reserved
110
Reserved
111
Reserved
FMTAD[2:0]
ADC Audio interface format select
These bits control the audio interface format for ADC operation. The format details and restrictions related to the system
clock and master/slave mode are described in Audio Data Interface Formats and Timing.
Default value: 000 (24-bit I2S format).
FMTAD
ADC Audio interface format select
000
24-bit I2S format (default)
001
24-bit left-justified format
010
24-bit right-justified format
011
16-bit right-justified format
100
24-bit I2S mode DSP format
101
24-bit left-justified mode DSP format
110
24-bit I2S mode TDM format
111
24-bit left-justified mode TDM format
46
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
Product Folder Links: PCM3168A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com