Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV2553 Datasheet(PDF) 2 Page - Texas Instruments

Part # TLV2553
Description  11-Channel, Low-Power, Serial ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2553 Datasheet(HTML) 2 Page - Texas Instruments

  TLV2553_15 Datasheet HTML 1Page - Texas Instruments TLV2553_15 Datasheet HTML 2Page - Texas Instruments TLV2553_15 Datasheet HTML 3Page - Texas Instruments TLV2553_15 Datasheet HTML 4Page - Texas Instruments TLV2553_15 Datasheet HTML 5Page - Texas Instruments TLV2553_15 Datasheet HTML 6Page - Texas Instruments TLV2553_15 Datasheet HTML 7Page - Texas Instruments TLV2553_15 Datasheet HTML 8Page - Texas Instruments TLV2553_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
TLV2553
SLAS354C – SEPTEMBER 2001 – REVISED SEPTEMBER 2015
www.ti.com
Table of Contents
8.1
Overview ................................................................. 20
1
Features .................................................................. 1
8.2
Functional Block Diagram ....................................... 20
2
Applications ........................................................... 1
8.3
Feature Description................................................. 20
3
Description ............................................................. 1
8.4
Device Functional Modes........................................ 21
4
Revision History..................................................... 2
9
Application and Implementation ........................ 26
5
Pin Configuration and Functions ......................... 3
9.1
Application Information............................................ 26
6
Specifications......................................................... 4
9.2
Typical Application .................................................. 27
6.1
Absolute Maximum Ratings ...................................... 4
10
Power Supply Recommendations ..................... 29
6.2
ESD Ratings ............................................................ 4
11
Layout................................................................... 29
6.3
Recommended Operating Conditions ....................... 5
11.1
Layout Guidelines ................................................. 29
6.4
Thermal Information .................................................. 5
11.2
Layout Example .................................................... 30
6.5
Electrical Characteristics........................................... 6
12
Device and Documentation Support ................. 31
6.6
External Reference Specifications ............................ 7
12.1
Community Resources.......................................... 31
6.7
Operating Characteristics.......................................... 7
12.2
Trademarks ........................................................... 31
6.8
Timing Requirements: VREF+ = 5 V........................... 8
12.3
Electrostatic Discharge Caution ............................ 31
6.9
Timing Requirements: VREF+ = 2.5 V........................ 9
12.4
Glossary ................................................................ 31
6.10
Typical Characteristics .......................................... 13
13
Mechanical, Packaging, and Orderable
7
Parameter Measurement Information ................ 18
Information ........................................................... 31
8
Detailed Description ............................................ 20
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision B (September 2002) to Revision C
Page
ESD Ratings table, Feature Description section, Device Functional Modes, Application and Implementation section,
Power Supply Recommendations section, Layout section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information section .................................................................................................. 1
Deleted Available Options table ............................................................................................................................................. 3
Deleted Lead temperature row from Absolute Maximum Ratings ......................................................................................... 4
2
Submit Documentation Feedback
Copyright © 2001–2015, Texas Instruments Incorporated
Product Folder Links: TLV2553



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com