Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV2553 Datasheet(PDF) 23 Page - Texas Instruments

Part # TLV2553
Description  11-Channel, Low-Power, Serial ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2553 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TLV2553_15 Datasheet HTML 19Page - Texas Instruments TLV2553_15 Datasheet HTML 20Page - Texas Instruments TLV2553_15 Datasheet HTML 21Page - Texas Instruments TLV2553_15 Datasheet HTML 22Page - Texas Instruments TLV2553_15 Datasheet HTML 23Page - Texas Instruments TLV2553_15 Datasheet HTML 24Page - Texas Instruments TLV2553_15 Datasheet HTML 25Page - Texas Instruments TLV2553_15 Datasheet HTML 26Page - Texas Instruments TLV2553_15 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
TLV2553
www.ti.com
SLAS354C – SEPTEMBER 2001 – REVISED SEPTEMBER 2015
Table 2. Command Set (CMR) and Configuration
SDI D[7:4]
COMMAND
Binary
HEX
CFGR1
0000b
0h
SELECT analog input channel 0
SDI D[3:0]
CONFIGURATION
0001b
1h
SELECT analog input channel 1
D[3:2]
01: 8-bit output length
0010b
2h
SELECT analog input channel 2
X0: 12-bit output length (see Note)
0011b
3h
SELECT analog input channel 3
11: 16-bit output length
0100b
4h
SELECT analog input channel 4
D1
0: MSB out first
0101b
5h
SELECT analog input channel 5
1: LSB out first
0110b
6h
SELECT analog input channel 6
D0
0: Unipolar binary
0111b
7h
SELECT analog input channel 7
1: Bipolar 2s complement
1000b
8h
SELECT analog input channel 8
Note: Select 12-bit output mode to achieve 200 KSPS sampling rate.
1001b
9h
SELECT analog input channel 9
1010b
Ah
SELECT analog input channel 10
1011b
Bh
SELECT TEST, Voltage = (VREF+ + VREF–)/2
1100b
Ch
SELECT TEST, Voltage = REFM
1101b
Dh
SELECT TEST, Voltage = REFP
1110b
Eh
SW POWERDOWN (analog + reference)
1111b
Fh
Reserved
8.4.7 Data Input—Address/Command Bits
The four MSBs (D7–D4) of the input data register are the address or command. These can be used to address
one of the 11 input channels, address one of three reference-test voltages, or activate software power-down
mode. All address/command bits affect the current conversion, which is the conversion that immediately follows
the current I/O cycle. They also have access to CFGR1 except for command 1111b, which is reserved.
8.4.8 Data Output Length
CFGR1 bits (D3 and D2) of the data register select the output data length. The data-length selection is valid for
the current I/O cycle (the cycle in which the data is read). The data-length selection, being valid for the current
I/O cycle, allows device start-up without losing I/O synchronization. A data length of 8, 12, or 16 bits can be
selected. Because the converter has 12-bit resolution, a data length of 12 bits is suggested.
With D3 and D2 set to 00 or 10, the device is in the 12-bit data-length mode and the result of the current
conversion is output as a 12-bit serial data stream during the next I/O cycle. The current I/O cycle must be
exactly 12 bits long for proper synchronization, even when this means corrupting the output data from a previous
conversion. The current conversion is started immediately after the twelfth falling edge of the current I/O cycle.
With bits D3 and D2 set to 11, the 16-bit data-length mode is selected, which allows convenient communication
with 16-bit serial interfaces. In the 16-bit mode, the result of the current conversion is output as a 16-bit serial
data stream during the next I/O cycle with the four LSBs always reset to 0 (pad bits). The current I/O cycle must
be exactly 16 bits long to maintain synchronization even when this means corrupting the output data from the
previous conversion. The current conversion is started immediately after the sixteenth falling edge of the current
I/O cycle.
With bits D3 and D2 set to 01, the 8-bit data-length mode is selected, which allows fast communication with 8-bit
serial interfaces. In the 8-bit mode, the result of the current conversion is output as an 8-bit serial data stream
during the next I/O cycle. The current I/O cycle must be exactly eight bits long to maintain synchronization, even
when this means corrupting the output data from the previous conversion. The four LSBs of the conversion result
are truncated and discarded. The current conversion is started immediately after the eighth falling edge of the
current I/O cycle.
Because the D3 and D2 register settings take effect on the I/O cycle when the data length is programmed, there
can be a conflict with the previous cycle if the data-word length was changed. This may occur when the data
format is selected to be least significant bit first, because at the time the data length change becomes effective
(six rising edges of I/O CLOCK), the previous conversion result has already started shifting out. In actual
operation, when different data lengths are required within an application and the data length is changed between
two conversions, no more than one conversion result can be corrupted and only when it is shifted out in LSB-first
format.
Copyright © 2001–2015, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: TLV2553



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com