Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV2553 Datasheet(PDF) 21 Page - Texas Instruments

Part # TLV2553
Description  11-Channel, Low-Power, Serial ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2553 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLV2553_15 Datasheet HTML 17Page - Texas Instruments TLV2553_15 Datasheet HTML 18Page - Texas Instruments TLV2553_15 Datasheet HTML 19Page - Texas Instruments TLV2553_15 Datasheet HTML 20Page - Texas Instruments TLV2553_15 Datasheet HTML 21Page - Texas Instruments TLV2553_15 Datasheet HTML 22Page - Texas Instruments TLV2553_15 Datasheet HTML 23Page - Texas Instruments TLV2553_15 Datasheet HTML 24Page - Texas Instruments TLV2553_15 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
C1
0.1 F
Decoupling Cap
GND
Analog
Supply
Sample
~50 pF
CDAC
Convert
REF+
REF–
VCC
TLV2553
www.ti.com
SLAS354C – SEPTEMBER 2001 – REVISED SEPTEMBER 2015
Feature Description (continued)
8.3.2 Reference
An external reference can be used through two reference input pins, REF+ and REF–. The voltage levels applied
to these pins establish the upper and lower limits of the analog inputs to produce a full-scale and zero-scale
reading respectively. The values of REF+, REF–, and the analog input should not exceed the positive supply or
be lower than GND consistent with the specified absolute maximum ratings. The digital output is at full scale
when the input signal is equal to or higher than REF+ and at zero when the input signal is equal to or lower than
REF–.
Figure 39. Reference Block Diagram
8.4 Device Functional Modes
8.4.1 Converter Operation
The operation of the converter is organized as a succession of three distinct cycles: 1) the data I/O cycle, 2) the
sampling cycle and 3) the conversion cycle. The first two are partially overlapped.
8.4.2 Data I/O Cycle
The data I/O cycle is defined by the externally provided I/O CLOCK and lasts 8, 12, or 16 clock periods,
depending on the selected output data length. During the I/O cycle, the following two operations take place
simultaneously. An 8-bit data stream consisting of address/command and configuration information is provided to
DATA IN. This data is shifted into the device on the rising edge of the first eight I/O CLOCK clocks. DATA INPUT
is ignored after the first eight clocks during 12- or 16-clock I/O transfers. The data output, with a length of 8, 12,
or 16 bits, is provided serially on DATA OUT. When CS is held low, the first output data bit occurs on the rising
edge of EOC. When CS is toggled between conversions, the first output data bit occurs on the falling edge of
CS. This data is the result of the previous conversion period, and after the first output data bit, each succeeding
bit is clocked out on the falling edge of each succeeding I/O CLOCK.
8.4.3 Sampling Cycle
During the sampling cycle, one of the analog inputs is internally connected to the capacitor array of the converter
to store the analog input signal. The converter starts sampling the selected input immediately after the four
address/command bits have been clocked into the input data register. Sampling starts on the fourth falling edge
of I/O CLOCK. The converter remains in the sampling mode until the eighth, twelfth, or sixteenth falling edge of
the I/O CLOCK depending on the data-length selection.
Copyright © 2001–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: TLV2553



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com