Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV2553 Datasheet(PDF) 27 Page - Texas Instruments

Part # TLV2553
Description  11-Channel, Low-Power, Serial ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2553 Datasheet(HTML) 27 Page - Texas Instruments

Back Button TLV2553_15 Datasheet HTML 23Page - Texas Instruments TLV2553_15 Datasheet HTML 24Page - Texas Instruments TLV2553_15 Datasheet HTML 25Page - Texas Instruments TLV2553_15 Datasheet HTML 26Page - Texas Instruments TLV2553_15 Datasheet HTML 27Page - Texas Instruments TLV2553_15 Datasheet HTML 28Page - Texas Instruments TLV2553_15 Datasheet HTML 29Page - Texas Instruments TLV2553_15 Datasheet HTML 30Page - Texas Instruments TLV2553_15 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
ADC
Rsource
1 nF
Rsource
Rsource
1 nF
1 nF
REF3240
OPA320
10 µF
±
+
REF+
/CS
I/O CLOCK
DATA IN
EOC
DATA OUT
2.5
1 k
1 µF
TLV2553
www.ti.com
SLAS354C – SEPTEMBER 2001 – REVISED SEPTEMBER 2015
Application Information (continued)
The stability of the ADC reference input voltage, which is a DC signal, is critical for ADC accuracy. The
reference source experiences large instantaneous changes in load current during the ADC conversion phase,
and therefore, low source impedance is required for excellent load regulation and stability.
9.2 Typical Application
Figure 41 shows a typical application where the TLV2553 is used to acquire multiple AC signals while operating
at its maximum sampling rate of 200 KSPS.
Figure 41. Typical Application Block Diagram
9.2.1 Design Requirements
The design is optimized for superior dynamic performance (low harmonic distortion, high ENOB) while the ADC
is multiplexing input channels at maximum sampling rate. Of course, the underlying assumption, based on , is
that the bandwidths of the input signals are much less than 100 kHz. For example, according to , the TLV2553
provides better than 11.5 ENOB for AC inputs less than 10 kHz.
Copyright © 2001–2015, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Links: TLV2553



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com