Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV2553 Datasheet(PDF) 28 Page - Texas Instruments

Part # TLV2553
Description  11-Channel, Low-Power, Serial ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2553 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TLV2553_15 Datasheet HTML 24Page - Texas Instruments TLV2553_15 Datasheet HTML 25Page - Texas Instruments TLV2553_15 Datasheet HTML 26Page - Texas Instruments TLV2553_15 Datasheet HTML 27Page - Texas Instruments TLV2553_15 Datasheet HTML 28Page - Texas Instruments TLV2553_15 Datasheet HTML 29Page - Texas Instruments TLV2553_15 Datasheet HTML 30Page - Texas Instruments TLV2553_15 Datasheet HTML 31Page - Texas Instruments TLV2553_15 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
Rsource (:)
0
100
200
300
400
500
600
700
800
900 1000
6
7
8
9
10
11
12
D026
TLV2553
SLAS354C – SEPTEMBER 2001 – REVISED SEPTEMBER 2015
www.ti.com
Typical Application (continued)
9.2.2 Detailed Design Procedure
Good dynamic performance while the ADC is multiplexing inputs at maximum sampling rate requires low source
impedance on the input channels being addressed. To make the input source impedance less sensitive to line
inductance, especially in cases where the signal sources may be located far away from the ADC, it may be
necessary to use operational amplifier buffers located close to the ADC input pins.
The procedure for estimating the maximum tolerable value of input source impedance on a given channel for
achieving the desired ENOB (for example ENOB > 11.5) in a multiplexed application is as follows:
1. Using a low impedance signal source, apply a full-scale sinusoidal signal of suitably low frequency to the
ADC input channel of interest, CHx.
2. Using a second low impedance source, apply a full-scale sinusoid that has the same frequency as the signal
on CHx but is 180
˚ out-of-phase, to a second ADC input channel, CHy, that will serve as the control element
in the experiment.
3. Initiate conversions with the ADC continuously multiplexing between CHx and CHy in each conversion cycle.
4. Rearrange the output data by channel, and for each of the two channels, compute SINAD from its FFT and
estimate ENOB for that channel as ENOB = (SINAD[dB] – 1.76) / 6.02.
5. Increase the series resistance on CHx by a discrete amount and repeat steps 1 through 5 until the ENOB of
CHx has degraded sufficiently relative to CHy (which should remain unchanged).
The external 1-nF decoupling capacitors (recommend C0G/NP0 type for constant capacitance versus voltage) on
the input channels are required for supplying the instantaneous change in the ADC’s load current demand during
the sampling phase after an input channel is selected. In other words, the decoupling capacitor effectively
reduces the output impedance of the source at high frequencies.
Similarly, the reference pin also requires decoupling for low-output impedance at high frequency. However, the
larger magnitude of reference pin load currents during the ADC conversion phase necessitates a decoupling
capacitor of a much higher value. The extra ESR (2.5
Ω) is required for stabilizing the OPA320 output as it drives
the 10-
μF load.
The OPA320 is a wide-band, low-noise, low-power operational amplifier that is unity gain stable and can operate
on a single 5-V system supply while supporting rail-to-rail signal swing at its input and output. These properties
make it an ideal choice for being used as a high-precision (stable, low-noise) reference buffer that has enough
loop gain over frequency to support low-output impedance over a wide bandwidth.
9.2.3 Application Curve
was generated by sweeping Rsource from 50 Ω to 1 kΩ following the procedure detailed in .
ƒIN = 1 kHz
ƒs = 200 KSPS
Figure 42. ENOB as a Function of Input Source Impedance
28
Submit Documentation Feedback
Copyright © 2001–2015, Texas Instruments Incorporated
Product Folder Links: TLV2553



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com