Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV2553 Datasheet(PDF) 25 Page - Texas Instruments

Part # TLV2553
Description  11-Channel, Low-Power, Serial ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2553 Datasheet(HTML) 25 Page - Texas Instruments

Back Button TLV2553_15 Datasheet HTML 21Page - Texas Instruments TLV2553_15 Datasheet HTML 22Page - Texas Instruments TLV2553_15 Datasheet HTML 23Page - Texas Instruments TLV2553_15 Datasheet HTML 24Page - Texas Instruments TLV2553_15 Datasheet HTML 25Page - Texas Instruments TLV2553_15 Datasheet HTML 26Page - Texas Instruments TLV2553_15 Datasheet HTML 27Page - Texas Instruments TLV2553_15 Datasheet HTML 28Page - Texas Instruments TLV2553_15 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
TLV2553
www.ti.com
SLAS354C – SEPTEMBER 2001 – REVISED SEPTEMBER 2015
8.4.12 Chip-Select Input (CS)
CS enables and disables the device. During normal operation, CS should be low. Although the use of CS is not
necessary to synchronize a data transfer, it can be brought high between conversions to coordinate the data
transfer of several devices sharing the same bus.
When CS is brought high, the serial-data output is immediately brought to the high-impedance state, releasing its
output data line to other devices that may share it. After an internally generated debounce time, I/O CLOCK is
inhibited, thus preventing any further change in the internal state.
When CS is subsequently brought low again, the device is reset. CS must be held low for an internal debounce
time before the reset operation takes effect. After CS is debounced low, I/O CLOCK must remain inactive (low)
for a minimum time before a new I/O cycle can start.
CS can interrupt any ongoing data transfer or any ongoing conversion. When CS is debounced low long enough
before the end of the current conversion cycle, the previous conversion result is saved in the internal output
buffer and shifted out during the next I/O cycle.
When CS is held low continuously for multiple cycles, the first data bit of the newly completed conversion occurs
on DATA OUT on the rising edge of EOC.
NOTE
the first cycle in the series still requires a transition CS from high to low. When a new
conversion is started after the last falling edge of I/O CLOCK, EOC goes low and the
serial output is forced low until EOC goes high again.
When CS is toggled between conversions, the first data bit occurs on DATA OUT on the falling edge of CS. On
each subsequent falling edge of I/O CLOCK after the first data bit appears, the data is changed to the next bit in
the serial conversion result until the required number of bits has been output.
8.4.13 Power-Down Features
When command (D7–D4) 1110b is clocked into the input data register during the first four I/O CLOCK cycles, the
software power-down mode is selected. Software power down is activated on the falling edge of the fourth I/O
CLOCK pulse.
During software power-down, all internal circuitry is put in a low-current standby mode. No conversions is
performed. The internal output buffer keeps the previous conversion cycle data results, provided that all digital
inputs are greater than VCC – 0.5 V or less than 0.5 V. The I/O logic remains active so the current I/O cycle must
be completed even when the power-down mode is selected. Upon power-on reset and before the first I/O cycle,
the converter normally begins in the power-down mode. The device remains in the software power-down mode
until a valid input address (other than command 1110b or 1111b) is clocked in. Upon completion of that I/O cycle,
a normal conversion is performed with the results being shifted out during the next I/O cycle.
The ADC also has an auto power-down mode. This is transparent to users. The ADC gets into auto power-down
within 1 I/O CLOCK cycle after the conversion is complete and resumes, with a small delay, after an active CS is
sent to the ADC. The resumption is fast enough to be used between cycles.
Copyright © 2001–2015, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Links: TLV2553



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com