Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV2553 Datasheet(PDF) 7 Page - Texas Instruments

Part # TLV2553
Description  11-Channel, Low-Power, Serial ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2553 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV2553_15 Datasheet HTML 3Page - Texas Instruments TLV2553_15 Datasheet HTML 4Page - Texas Instruments TLV2553_15 Datasheet HTML 5Page - Texas Instruments TLV2553_15 Datasheet HTML 6Page - Texas Instruments TLV2553_15 Datasheet HTML 7Page - Texas Instruments TLV2553_15 Datasheet HTML 8Page - Texas Instruments TLV2553_15 Datasheet HTML 9Page - Texas Instruments TLV2553_15 Datasheet HTML 10Page - Texas Instruments TLV2553_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
TLV2553
www.ti.com
SLAS354C – SEPTEMBER 2001 – REVISED SEPTEMBER 2015
6.6 External Reference Specifications
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
VCC = 4.5 V to 5.5 V
–0.1
0
0.1
REF–
Reference input voltage
V
VCC = 2.7 V to 3.6 V
–0.1
0
0.1
VCC = 4.5 V to 5.5 V
2
VCC
REF+
Reference input voltage
V
VCC = 2.7 V to 3.6 V
2
VCC
VCC = 4.5 V to 5.5 V
1.9
VCC
External reference input voltage difference,
V
(REF+) – (REF–)(2)
VCC = 2.7 V to 3.6 V
1.9
VCC
VCC = 4.5 V to 5.5 V
0.94
External reference supply current
CS at 0 V
mA
VCC = 2.7 V to 3.6 V
0.62
Static
1
M
Ω
VCC = 5 V
During
6
9
k
Ω
sampling/conversion
Reference input impedance
Static
1
M
Ω
VCC = 2.7 V
During
6
9
k
Ω
sampling/conversion
(1)
All typical values are at TA = 25°C.
(2)
Add a 0.1-µF capacitor between REF+ and REF– pins when external reference is used.
6.7 Operating Characteristics
over recommended operating free-air temperature range, VREF+ = 5 V, I/O CLOCK frequency = 15 MHz when VCC = 5 V,
VREF+ = 2.5 V, I/O CLOCK frequency = 10 MHz when VCC = 2.7 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
INL
Integral linearity error(2)
–1
1
LSB
DNL
Differential linearity error
–1
1
LSB
EO
Offset error(3)
See (4)
–2
2
mV
EQ
Gain error(3)
See(4)
–3
3
mV
ET
Total unadjusted error(5)
±15
LSB
Address data input = 1011
2048
Self-test output code Table 2, (6)
Address data input = 1100
0
Address data input = 1101
4095
(1)
All typical values are at TA = 25°C.
(2)
Linearity error is the maximum deviation from the best straight line through the A/D transfer characteristics.
(3)
Gain error is the difference between the actual midstep value and the nominal midstep value in the transfer diagram at the specified gain
point after the offset error has been adjusted to zero. Offset error is the difference between the actual midstep value and the nominal
midstep value at the offset point.
(4)
Analog input voltages greater than the voltage applied to REF+ convert as all ones (111111111111), while input voltages less than the
voltage applied to REF– convert as all zeros (000000000000).
(5)
Total unadjusted error comprises linearity, zero-scale, and full-scale errors.
(6)
Both the input address and the output codes are expressed in positive logic.
Copyright © 2001–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TLV2553



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com