Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV2553 Datasheet(PDF) 9 Page - Texas Instruments

Part # TLV2553
Description  11-Channel, Low-Power, Serial ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2553 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLV2553_15 Datasheet HTML 5Page - Texas Instruments TLV2553_15 Datasheet HTML 6Page - Texas Instruments TLV2553_15 Datasheet HTML 7Page - Texas Instruments TLV2553_15 Datasheet HTML 8Page - Texas Instruments TLV2553_15 Datasheet HTML 9Page - Texas Instruments TLV2553_15 Datasheet HTML 10Page - Texas Instruments TLV2553_15 Datasheet HTML 11Page - Texas Instruments TLV2553_15 Datasheet HTML 12Page - Texas Instruments TLV2553_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
1
2
3
5
4
6
10
11
12
1
MSB−1 MSB−2 MSB−3 MSB−4 MSB−5
MSB−8 MSB−9 LSB+1
LSB
Hi−Z State
2
3
D6
D5
D4
D3
D2
D1
D0
D6
D5
D7
8
7
9
MSB−6 MSB−7
D7
Previous Conversion Data
MSB
MSB
MSB−2
MSB−1
Shift in New Multiplexer Address,
Simultaneously Shift Out Previous Conversion Result
Access
Cycle
Sample Cycle
Channel
Address
A/D Conversion Interval
Output Data
Format
tCONV
CS
I/O
CLOCK
DATA
OUT
DATA
IN
EOC
Initialize
Initialize
TLV2553
www.ti.com
SLAS354C – SEPTEMBER 2001 – REVISED SEPTEMBER 2015
6.9 Timing Requirements: VREF+ = 2.5 V
over recommended operating free-air temperature range, I/O CLOCK frequency = 10 MHz, VCC = 2.7 V, load = 25 pF (unless
otherwise noted)
MIN
TYP
MAX
UNIT
tw1
Pulse duration I/O CLOCK high or low
40
100000
ns
tsu1
Setup time DATA IN valid before I/O CLOCK rising edge (see Figure 32)
22
ns
th1
Hold time DATA IN valid after I/O CLOCK rising edge (see Figure 32)
0
ns
tsu2
Setup time CS low before first rising I/O CLOCK edge(1) (see Figure 33)
33
ns
th2
Hold time CS pulse duration high time (see Figure 33)
100
ns
th3
Hold time CS low after last I/O CLOCK falling edge (see Figure 33)
0
ns
th4
Hold time DATA OUT valid after I/O CLOCK falling edge (see Figure 33)
2
ns
th5
Hold time CS high after EOC rising edge when CS is toggled (see Figure 37)
0
ns
Load = 25 pF
30
ns
Delay time CS falling edge to DATA OUT valid
td1
(MSB or LSB) (see Figure 31)
Load = 10 pF
22
ns
td2
Delay time CS rising edge to DATA OUT high impedance (see Figure 31)
10
ns
td3
Delay time I/O CLOCK falling edge to next DATA OUT bit valid (see Figure 34)
2
33
ns
td4
Delay time Last I/O CLOCK falling edge to EOC falling edge
75
ns
td5
Delay time last I/O CLOCK falling edge to CS falling edge to abort conversion
1.5
µs
tt1
Transition time I/O CLOCK (1)(see Figure 34)
1
µs
tt2
Transition time DATA OUT (see Figure 34)
5
ns
tt3
Transition time INT/EOC, CL at 7 pF (see Figure 36)
4
ns
tt4
Transition time DATA IN, CS
10
µs
MAX(tconvert) +
tcycle
Total cycle time (sample, conversion and delays)(1)
I/O period
µs
(8/12/16 CLKs)
Source impedance = 25
Ω
800
Source impedance = 100
Ω
850
Channel acquisition time (sample), at 1 k
Ω,(1)
tsample
ns
(See Figure 1 through Figure 6)
Source impedance = 500
Ω
1000
Source impedance = 1 k
Ω
1600
(1)
I/O CLOCK period = 8X [1/(I/O CLOCK frequency)] or 12X [1/(I/O CLOCK frequency)] or 16X [1/(I/O CLOCK frequency)] depends on I/O
format selected.
Figure 1. Timing for 12-Clock Transfer Using CS With DATA OUT Set for MSB First
Copyright © 2001–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TLV2553



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com