Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV2553 Datasheet(PDF) 20 Page - Texas Instruments

Part # TLV2553
Description  11-Channel, Low-Power, Serial ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2553 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TLV2553_15 Datasheet HTML 16Page - Texas Instruments TLV2553_15 Datasheet HTML 17Page - Texas Instruments TLV2553_15 Datasheet HTML 18Page - Texas Instruments TLV2553_15 Datasheet HTML 19Page - Texas Instruments TLV2553_15 Datasheet HTML 20Page - Texas Instruments TLV2553_15 Datasheet HTML 21Page - Texas Instruments TLV2553_15 Datasheet HTML 22Page - Texas Instruments TLV2553_15 Datasheet HTML 23Page - Texas Instruments TLV2553_15 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
14-Channel
Analog
Multiplexer
Reference CTRL
12-to-1
Data
Selector
and Driver
Control Logic
and I/O
Counters
Input Address
Register
4
12
4
REF +
REF –
DATA
OUT
DATA IN
I/O CLOCK
CS
3
EOC
17
15
18
AIN0
AIN1
AIN2
AIN3
AIN4
AIN5
AIN6
AIN7
AIN8
AIN9
AIN10
1
2
3
4
5
6
7
8
9
11
12
14
13
19
Low Power
12-Bit
SAR ADC
Sample
and Hold
Output Data
Register
12
16
20
VCC
10
GND
Internal OSC
Self Test
TLV2553
SLAS354C – SEPTEMBER 2001 – REVISED SEPTEMBER 2015
www.ti.com
8 Detailed Description
8.1 Overview
Initially, with chip select (CS) high, I/O CLOCK and DATA IN are disabled and DATA OUT is in the high-
impedance state. CS going low begins the conversion sequence by enabling I/O CLOCK and DATA IN and
removes DATA OUT from the high-impedance state. The input data is an 8–bit data stream consisting of a 4-bit
address or command (D7–D4) and a 4-bit configuration data (D3–D0). Configuration register 1, CFGR1, which
controls output data format configuration, consists of a 2-bit data length select (D3–D2), an output MSB or LSB
first bit (D1), and a unipolar or bipolar output select bit (D0) that are applied to any command (from DATA IN)
except for command 1111b. The I/O CLOCK sequence applied to the I/O CLOCK terminal transfers this data to
the input data register. During this transfer, the I/O CLOCK sequence also shifts the previous conversion result
from the output data register to DATA OUT. I/O CLOCK receives the input sequence of 8, 12, or 16 clock cycles
long depending on the data-length selection in the input data register. Sampling of the analog input begins on the
fourth falling edge of the input I/O CLOCK sequence and is held after the last falling edge of the I/O CLOCK
sequence. The last falling edge of the I/O CLOCK sequence also takes EOC low and begins the conversion.
8.2 Functional Block Diagram
8.3 Feature Description
8.3.1 Analog MUX
The 11 analog inputs, three internal voltages, and power-down mode are selected by the input multiplexer
according to the input addresses shown in Table 2. The input multiplexer is a break-before-make type to reduce
input-to-input noise rejection resulting from channel switching. Sampling of the analog input starts on the falling
edge of the fourth I/O CLOCK and continues for the remaining I/O CLOCK pulses. The sample is held on the
falling edge of the last I/O CLOCK pulse. The three internal test inputs are applied to the multiplexer, then
sampled and converted in the same manner as the external analog inputs. The first conversion after the device
has returned from the power-down state may not read accurately due to internal device settling.
20
Submit Documentation Feedback
Copyright © 2001–2015, Texas Instruments Incorporated
Product Folder Links: TLV2553



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com