Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV2553 Datasheet(PDF) 5 Page - Texas Instruments

Part # TLV2553
Description  11-Channel, Low-Power, Serial ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2553 Datasheet(HTML) 5 Page - Texas Instruments

  TLV2553_15 Datasheet HTML 1Page - Texas Instruments TLV2553_15 Datasheet HTML 2Page - Texas Instruments TLV2553_15 Datasheet HTML 3Page - Texas Instruments TLV2553_15 Datasheet HTML 4Page - Texas Instruments TLV2553_15 Datasheet HTML 5Page - Texas Instruments TLV2553_15 Datasheet HTML 6Page - Texas Instruments TLV2553_15 Datasheet HTML 7Page - Texas Instruments TLV2553_15 Datasheet HTML 8Page - Texas Instruments TLV2553_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
TLV2553
www.ti.com
SLAS354C – SEPTEMBER 2001 – REVISED SEPTEMBER 2015
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VCC
Supply voltage
2.7
5.5
V
16-bit I/O
0.01
15
VCC = 4.5 V to 5.5 V 12-bit I/O
0.01
15
I/O CLOCK frequency
MHz
8-bit I/O
0.01
15
VCC = 2.7 V to 3.6 V
0.01
10
I/O
Tolerable clock jitter
VCC = 4.5 V to 5.5 V
0.38
ns
CLOCK
Aperature jitter
VCC = 4.5 V to 5.5 V
100
ps
VCC = 4.5 V to 5.5 V
0
(REF+ ) – (REF– )
Analog input voltage(1)
VCC = 3 V to 3.6 V
0
(REF+ ) – (REF– )
V
VCC = 2.7 V to 3 V
0
(REF+ ) – (REF– )
VCC = 4.5 V to 5.5 V
2
VIH
High-level control input voltage
V
VCC = 2.7 V to 3.6 V
2.1
VCC = 4.5 V to 5.5 V
0.8
VIL
Low-level control input voltage
V
VCC = 2.7 V to 3.6 V
0.6
TA
Operating free-air temperature
TLV2553I
–40
85
°C
(1)
Analog input voltages greater than the voltage applied to REF+ convert as all ones (111111111111), while input voltages less than the
voltage applied to REF– convert as all zeros (000000000000).
6.4 Thermal Information
TLV2553
THERMAL METRIC(1)
DW (SOIC)
PW (TSSOP)
UNIT
20 PINS
20 PINS
RθJA
Junction-to-ambient thermal resistance
66
88.1
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
31.4
21.6
°C/W
RθJB
Junction-to-board thermal resistance
33.7
40.4
°C/W
ψJT
Junction-to-top characterization parameter
7.4
0.8
°C/W
ψJB
Junction-to-board characterization parameter
33.3
39.7
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
Copyright © 2001–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TLV2553



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com