Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV2553 Datasheet(PDF) 15 Page - Texas Instruments

Part # TLV2553
Description  11-Channel, Low-Power, Serial ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2553 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TLV2553_15 Datasheet HTML 11Page - Texas Instruments TLV2553_15 Datasheet HTML 12Page - Texas Instruments TLV2553_15 Datasheet HTML 13Page - Texas Instruments TLV2553_15 Datasheet HTML 14Page - Texas Instruments TLV2553_15 Datasheet HTML 15Page - Texas Instruments TLV2553_15 Datasheet HTML 16Page - Texas Instruments TLV2553_15 Datasheet HTML 17Page - Texas Instruments TLV2553_15 Datasheet HTML 18Page - Texas Instruments TLV2553_15 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
0.0
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
–40
–25
–10
5
20
35
50
65
80
TA – Free-Air Temperature – C
°
VCC = 5.5 V
VREF+ = 4.096 V
VREF– = 0 V
I/O CLOCK = 15 MHz
0
0.02
0.04
0.06
0.08
0.10
0.12
0.14
–40
–25
–10
5
20
35
50
65
80
TA – Free-Air Temperature – C
°
VCC = 5.5 V
VREF+ = 4.096 V
VREF– = 0 V
I/O CLOCK = 15 MHz
0.84
0.86
0.88
0.90
0.92
0.94
0.96
0.98
–40
–25
–10
5
20
35
50
65
80
TA – Free-Air Temperature – C
°
VCC = 5.5 V
VREF+ = 4.096 V
VREF– = 0 V
I/O CLOCK = 15 MHz
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
–40
–25
–10
5
20
35
50
65
80
TA – Free-Air Temperature – C
°
VCC = 5.5 V
VREF+ = 4.096 V
VREF– = 0 V
I/O CLOCK = 15 MHz
0.0
0.1
0.2
0.3
0.4
0.5
0.6
–40
–25
–10
5
20
35
50
65
80
TA – Free-Air Temperature – C
°
VCC = 3.3 V
VREF+ = 2.5 V
VREF– = 0 V
I/O CLOCK = 10 MHz
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
–40
–25
–10
5
20
35
50
65
80
TA – Free-Air Temperature – C
°
VCC = 3.3 V
VREF+ = 2.5 V
VREF– = 0 V
I/O CLOCK = 10 MHz
TLV2553
www.ti.com
SLAS354C – SEPTEMBER 2001 – REVISED SEPTEMBER 2015
Typical Characteristics (continued)
Figure 17. Offset Error vs Free-air Temperature
Figure 18. Gain Error vs Free-air Temperature
Figure 20. External Reference Current
Figure 19. Supply Current
vs Free-air Temperature
vs Free-air Temperature
Figure 21. Software Power Down vs Free-air Temperature
Figure 22. Auto Power Down vs Free-air Temperature
Copyright © 2001–2015, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: TLV2553



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com