Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV2553 Datasheet(PDF) 3 Page - Texas Instruments

Part # TLV2553
Description  11-Channel, Low-Power, Serial ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2553 Datasheet(HTML) 3 Page - Texas Instruments

  TLV2553_15 Datasheet HTML 1Page - Texas Instruments TLV2553_15 Datasheet HTML 2Page - Texas Instruments TLV2553_15 Datasheet HTML 3Page - Texas Instruments TLV2553_15 Datasheet HTML 4Page - Texas Instruments TLV2553_15 Datasheet HTML 5Page - Texas Instruments TLV2553_15 Datasheet HTML 6Page - Texas Instruments TLV2553_15 Datasheet HTML 7Page - Texas Instruments TLV2553_15 Datasheet HTML 8Page - Texas Instruments TLV2553_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
AIN0
AIN1
AIN2
AIN3
AIN4
AIN5
AIN6
AIN7
AIN8
GND
VCC
EOC
I/O CLOCK
DATA IN
DATA OUT
CS
REF +
REF –
AIN10
AIN9
TLV2553
www.ti.com
SLAS354C – SEPTEMBER 2001 – REVISED SEPTEMBER 2015
5 Pin Configuration and Functions
DW or PW Package
20-Pin SOIC or TSSOP
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
AIN0 to AIN10
1 to 9, 11, 12
I
Analog input. These 11 analog-signal inputs are internally multiplexed.
Chip select. A high-to-low transition on CS resets the internal counters and controls and
CS
15
I
enables DATA OUT, DATA IN, and I/O CLOCK. A low-to-high transition disables DATA IN and
I/O CLOCK within a setup time.
Serial data input. The 4-bit serial data can be used as address selects the desired analog input
channel or test voltage to be converted next, or a command to activate other features. The
DATA IN
17
I
input data is presented with the MSB (D7) first and is shifted in on the first four rising edges of
the I/O CLOCK. After the four address/command bits are read into the command register
CMR, I/O CLOCK clocks the remaining four bits of configuration in.
3-state serial output for the A/D conversion result. DATA OUT is in the high-impedance state
when CS is high and active when CS is low. With a valid CS, DATA OUT is removed from the
DATA OUT
16
O
high-impedance state and is driven to the logic level corresponding to the MSB/LSB value of
the previous conversion result. The next falling edge of I/O CLOCK drives DATA OUT to the
logic level corresponding to the next MSB/LSB, and the remaining bits are shifted out in order.
End-of-convertions status. Used to indicate the end of conversion (EOC) to the host processor.
EOC
19
O
EOC goes from a high to a low logic level after the falling edge of the last I/O CLOCK and
remains low until the conversion is complete and the data is ready for transfer.
Ground. GND is the ground return terminal for the internal circuitry. Unless otherwise noted, all
GND
10
voltage measurements are with respect to GND.
Input /output clock. I/O CLOCK receives the serial input and performs the following four
functions:
1.
It clocks the eight input data bits into the input data register on the first eight rising edges
of I/O CLOCK with the multiplexer address available after the fourth rising edge.
2.
On the fourth falling edge of I/O CLOCK, the analog input voltage on the selected
I/O CLOCK
18
I
multiplexer input begins charging the capacitor array and continues to do so until the last
falling edge of I/O CLOCK.
3.
The remaining 11 bits of the previous conversion data are shifted out on DATA OUT.
Data changes on the falling edge of I/O CLOCK.
4.
Control of the conversion is transferred to the internal state controller on the falling edge
of the last I/O CLOCK.
Positive reference voltage The upper reference voltage value (nominally VCC) is applied to
REF+
14
I/O
REF+. The maximum analog input voltage range is determined by the difference between the
voltage applied to terminals REF+ and REF–.
Negative reference voltage. The lower reference voltage value (nominally ground) is applied to
REF–
13
I/O
REF–. This pin is connected to analog ground (GND of the ADC) when internal reference is
used.
VCC
20
Positive supply voltage
Copyright © 2001–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TLV2553



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com