Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV2553 Datasheet(PDF) 14 Page - Texas Instruments

Part # TLV2553
Description  11-Channel, Low-Power, Serial ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2553 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TLV2553_15 Datasheet HTML 10Page - Texas Instruments TLV2553_15 Datasheet HTML 11Page - Texas Instruments TLV2553_15 Datasheet HTML 12Page - Texas Instruments TLV2553_15 Datasheet HTML 13Page - Texas Instruments TLV2553_15 Datasheet HTML 14Page - Texas Instruments TLV2553_15 Datasheet HTML 15Page - Texas Instruments TLV2553_15 Datasheet HTML 16Page - Texas Instruments TLV2553_15 Datasheet HTML 17Page - Texas Instruments TLV2553_15 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
–0.8
–0.6
–0.4
–0.2
–0.0
0.2
0.4
0.6
0.8
0
1024
2048
3072
4096
Digital Output Code
VCC = 2.7 V, VREF+ = 2.5 V, VREF– = 0 V, I/O CLOCK = 10 MHz, TA = 25°C
–0.5
–0.4
–0.3
–0.2
–0.1
–0.0
0.1
0.2
0.3
0.4
0.5
0
1024
2048
3072
4096
Digital Output Code
VCC = 2.7 V, VREF+ = 2.5 V, VREF– = 0 V, I/O CLOCK = 10 MHz, TA = 25°C
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
–40
–25
–10
5
20
35
50
65
80
TA – Free-Air Temperature – C
°
VCC = 2.7 V
VREF+ = 2.5 V
VREF– = 0 V
I/O CLOCK = 10 MHz
–0.7
–0.6
–0.5
–0.4
–0.3
–0.2
–0.1
–0.0
–40
–25
–10
5
20
35
50
65
80
TA – Free-Air Temperature – C
°
VCC = 2.7 V
VREF+ = 2.5 V
VREF– = 0 V
I/O CLOCK = 10 MHz
TLV2553
SLAS354C – SEPTEMBER 2001 – REVISED SEPTEMBER 2015
www.ti.com
Typical Characteristics (continued)
Figure 13. Maximum Integral Nonlinearity
Figure 14. Minimum Integral Nonlinearity
vs Free-air Temperature
vs Free-air Temperature
Figure 15. Differential Nonlinearity vs Digital Output Code
Figure 16. Integral Nonlinearity vs Digital Output Code
14
Submit Documentation Feedback
Copyright © 2001–2015, Texas Instruments Incorporated
Product Folder Links: TLV2553



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com