Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV2553 Datasheet(PDF) 24 Page - Texas Instruments

Part # TLV2553
Description  11-Channel, Low-Power, Serial ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2553 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TLV2553_15 Datasheet HTML 20Page - Texas Instruments TLV2553_15 Datasheet HTML 21Page - Texas Instruments TLV2553_15 Datasheet HTML 22Page - Texas Instruments TLV2553_15 Datasheet HTML 23Page - Texas Instruments TLV2553_15 Datasheet HTML 24Page - Texas Instruments TLV2553_15 Datasheet HTML 25Page - Texas Instruments TLV2553_15 Datasheet HTML 26Page - Texas Instruments TLV2553_15 Datasheet HTML 27Page - Texas Instruments TLV2553_15 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
TLV2553
SLAS354C – SEPTEMBER 2001 – REVISED SEPTEMBER 2015
www.ti.com
8.4.9 LSB Out First
D1 in the CFGR1 controls the direction of the output (binary) data transfer. When D1 is reset to 0, the conversion
result is shifted out MSB first. When set to 1, the data is shifted out LSB first. Selection of MSB first or LSB first
always affects the next I/O cycle and not the current I/O cycle. When changing from one data direction to
another, the current I/O cycle is never disrupted.
8.4.10 Bipolar Output Format
D0 in the CFGR1 controls the binary data format used to represent the conversion result. When D0 is cleared to
0, the conversion result is represented as unipolar (unsigned binary) data. Nominally, the conversion result of an
input voltage equal to or less than VREF– is a code with all zeros (000 . . . 0) and the conversion result of an input
voltage equal to or greater than VREF+ is a code of all ones (111 . . . 1). The conversion result of (VREF+ +
VREF–)/2 is a code of a one followed by zeros (100 ...0).
When D0 is set to 1, the conversion result is represented as bipolar (signed binary) data. Nominally, conversion
of an input voltage equal to or less than VREF– is a code of a one followed by zeros (100 . . . 0), and the
conversion of an input voltage equal to or greater than VREF+ is a code of a zero followed by all ones (011 . . . 1).
The conversion result of (VREF+ + VREF–)/2 is a code of all zeros (000 . . . 0). The MSB is interpreted as the sign
bit. The bipolar data format is related to the unipolar format in that the MSBs are always each other’s
complement.
Selection of the unipolar or bipolar format always affects the current conversion cycle, and the result is output
during the next I/O cycle. When changing between unipolar and bipolar formats, the data output during the
current I/O cycle is not affected.
8.4.11 EOC Output
Pin 19 outputs the status of the ADC conversion. When programmed as EOC, the output indicates the beginning
and the end of conversion. In the reset state, EOC is always high. During the sampling period (beginning after
the fourth falling edge of the I/O CLOCK sequence), EOC remains high until the internal sampling switch of the
converter is safely opened. The opening of the sampling switch occurs after the eighth, twelfth, or sixteenth I/O
CLOCK falling edge, depending on the data-length selection in the input data register. After the EOC signal goes
low, the analog input signal can be changed without affecting the conversion result.
The EOC signal goes high again after the conversion is completed and the conversion result is latched into the
output data register. The rising edge of EOC returns the converter to a reset state and a new I/O cycle begins.
On the rising edge of EOC, the first bit of the current conversion result is on DATA OUT when CS is low. When
CS is toggled between conversions, the first bit of the current conversion result occurs on DATA OUT at the
falling edge of CS.
24
Submit Documentation Feedback
Copyright © 2001–2015, Texas Instruments Incorporated
Product Folder Links: TLV2553



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com