Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV2553 Datasheet(PDF) 1 Page - Texas Instruments

Part # TLV2553
Description  11-Channel, Low-Power, Serial ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2553 Datasheet(HTML) 1 Page - Texas Instruments

  TLV2553_15 Datasheet HTML 1Page - Texas Instruments TLV2553_15 Datasheet HTML 2Page - Texas Instruments TLV2553_15 Datasheet HTML 3Page - Texas Instruments TLV2553_15 Datasheet HTML 4Page - Texas Instruments TLV2553_15 Datasheet HTML 5Page - Texas Instruments TLV2553_15 Datasheet HTML 6Page - Texas Instruments TLV2553_15 Datasheet HTML 7Page - Texas Instruments TLV2553_15 Datasheet HTML 8Page - Texas Instruments TLV2553_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
14-Channel
Analog
Multiplexer
Reference CTRL
12-to-1
Data
Selector
and Driver
Control Logic
and I/O
Counters
Input Address
Register
4
12
4
REF +
REF −
DATA
OUT
DATA IN
I/O CLOCK
CS
3
EOC
17
15
18
AIN0
AIN1
AIN2
AIN3
AIN4
AIN5
AIN6
AIN7
AIN8
AIN9
AIN10
1
2
3
4
5
6
7
8
9
11
12
14
13
19
Low Power
12-Bit
SAR ADC
Sample
and Hold
Output Data
Register
12
16
20
VCC
10
GND
Internal OSC
Self Test
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TLV2553
SLAS354C – SEPTEMBER 2001 – REVISED SEPTEMBER 2015
TLV2553 12-Bit, 200-KSPS, 11-Channel, Low-Power, Serial ADC
1 Features
3 Description
The
TLV2553
is
a
12-bit,
switched-capacitor,
1
•
12-Bit-Resolution A/D Converter
successive-approximation, analog-to-digital converter.
•
Up to 200 KSPS (150 KSPS for 3 V) Throughput
The ADC has three control inputs [chip select (CS),
Over Operating Temperature Range With 12-Bit
the input-output clock, and the address/control input
Output Mode
(DATAIN)], designed for communication with the
serial port of a host processor or peripheral through a
•
11 Analog Input Channels
serial 3-state output.
•
3 Built-In Self-Test Modes
In addition to the high-speed converter and versatile
•
Inherent Sample and Hold Function
control capability, the device has an on-chip 14-
•
Linearity Error, ±1 LSB Maximum
channel multiplexer that can select any one of 11
•
On-Chip Conversion Clock
inputs or any one of three internal self-test voltages
•
Unipolar or Bipolar Output Operation
using configuration register 1. The sample-and-hold
function is automatic. At the end of conversion, when
•
Programmable MSB or LSB First
programmed as EOC, the pin 19 output goes high to
•
Programmable Power Down
indicate that conversion is complete. The converter
•
Programmable Output Data Length
incorporated in the device features differential, high-
impedance reference inputs that facilitate ratiometric
•
SPI Compatible Serial Interface With I/O Clock
conversion, scaling, and isolation of analog circuitry
Frequencies up to 15 MHz (CPOL=0, CPHA=0)
from logic and supply noise. A switched-capacitor
design allows low-error conversion over the full
2 Applications
operating temperature range.
•
Process Control
The TLV2553I is characterized for operation from
•
Portable Data Logging
TA = –40°C to 85°C.
•
Battery-Powered Instruments
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TLV2553IPW
TSSOP (20)
6.50 mm × 4.40 mm
TLV2553IDW
SOIC (20)
12.80 mm × 7.50 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Block Diagram
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TLV2553_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2553 TI1-TLV2553_14 Datasheet
986Kb / 30P
12-BIT, 200-KSPS, 11-CHANNEL, LOW-POWER, SERIAL ADC
More results

Similar Description - TLV2553_15

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX192 MAXIM-MAX192 Datasheet
201Kb / 24P
Low-Power, 8-Channel, Serial 10-Bit ADC
Rev 1; 6/02
logo
Texas Instruments
TLV2556 TI-TLV2556 Datasheet
585Kb / 35P
12-BIT, 200-KSPS, 11 CHANNEL, LOW POWER, SERIAL ADC WITH INTERNAL REFERENCE
TLV2553 TI-TLV2553 Datasheet
456Kb / 28P
12-BIT, 200-KSPS, 11-CHANNEL, LOW-POWER, SERIAL ADC
TLV2553-Q1 TI1-TLV2553-Q1 Datasheet
401Kb / 28P
12-BIT 200-KSPS 11-CHANNEL LOW-POWER SERIAL ADC
TLV2553IPW TI-TLV2553IPW Datasheet
984Kb / 29P
12-BIT, 200-KSPS, 11-CHANNEL, LOW-POWER, SERIAL ADC
TLV2556IPWR TI-TLV2556IPWR Datasheet
1Mb / 37P
12-BIT, 200-KSPS, 11 CHANNEL, LOW POWER, SERIAL ADC WITH INTERNAL REFERENCE
TLV2556 TI1-TLV2556_14 Datasheet
1Mb / 38P
12-BIT, 200-KSPS, 11 CHANNEL, LOW POWER, SERIAL ADC WITH INTERNAL REFERENCE
TLV2553 TI1-TLV2553_14 Datasheet
986Kb / 30P
12-BIT, 200-KSPS, 11-CHANNEL, LOW-POWER, SERIAL ADC
TLV2556 TI1-TLV2556_16 Datasheet
1Mb / 39P
11-Channel Low-Power Serial ADC
TLV2553-Q1 TI1-TLV2553-Q1_15 Datasheet
1Mb / 37P
12-Bit 200-KSPS 11-Channel Low-Power Serial ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com