Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV2553 Datasheet(PDF) 26 Page - Texas Instruments

Part # TLV2553
Description  11-Channel, Low-Power, Serial ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2553 Datasheet(HTML) 26 Page - Texas Instruments

Back Button TLV2553_15 Datasheet HTML 22Page - Texas Instruments TLV2553_15 Datasheet HTML 23Page - Texas Instruments TLV2553_15 Datasheet HTML 24Page - Texas Instruments TLV2553_15 Datasheet HTML 25Page - Texas Instruments TLV2553_15 Datasheet HTML 26Page - Texas Instruments TLV2553_15 Datasheet HTML 27Page - Texas Instruments TLV2553_15 Datasheet HTML 28Page - Texas Instruments TLV2553_15 Datasheet HTML 29Page - Texas Instruments TLV2553_15 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
Input Frequency (kHz)
0
20
40
60
80
100
9
9.5
10
10.5
11
11.5
12
D025
TLV2553
SLAS354C – SEPTEMBER 2001 – REVISED SEPTEMBER 2015
www.ti.com
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
As with most SAR ADCs, the inputs of the TLV2553 are not high-impedance ports. At the start of the sampling
phase, the selected input channel experiences a load current, as the internal analog switches close and the
sampling capacitor starts to charge (or discharge). This load current decays over time and varies in a nonlinear
fashion with respect to input voltage.
The load current is supplied by the input signal source which has non-zero output impedance. As a result, the
load current drops non-zero voltage across the output impedance of the signal source creating a time-decaying,
nonlinear error between the signal source output and the ADC input. This is called sampling error, and if the
sampling error does not decay to less than 1 LSB before the end of the sampling window when the sampling
switch opens and conversion begins, the ADC output is inaccurate.
The rate of decay of the sampling error and its nonlinearity over input voltage are highly sensitive to source
impedance. In other words, for larger values of source impedance, the sampling error decays more slowly over
time, resulting in greater residual error at the end of the sampling window that is also more non-linear over the
ADC input voltage range. Nonlinearity in the ADC input translates to nonlinearity or harmonic distortion in the
ADC output. Harmonic distortion degrades ADC resolution and translates to a decrease in the ADC’s effective
number of bits (ENOB). Therefore, driving the ADC input with a low-impedance source is critical for conversion
accuracy.
In addition to keeping source impedance as low as possible, TI recommends the following measures for
minimizing input sampling error and harmonic distortion associated with the TLV2553 while operating the device
at maximum 200-KSPS throughput:
For AC inputs, the maximum input signal frequency on all channels should be limited to well less than the
maximum Nyquist rate of 100 kHz. Figure 40 shows how ENOB degrades as input frequency increases.
Rsource = 50 Ω
ƒs = 200KSPS
Figure 40. ENOB as a Function of Input Signal Frequency
For DC inputs, ensure that there are no large step-function changes (greater than VREF / 4) between
successive input channels in the scanning order at the highest throughput. If possible, it is advisable to scan
the input channels so that the difference in the DC voltage levels between any two successive channels is
minimized to ensure 12-bit sampling accuracy. For larger voltage changes between channels, higher
accuracy can be achieved by reducing the throughput.
26
Submit Documentation Feedback
Copyright © 2001–2015, Texas Instruments Incorporated
Product Folder Links: TLV2553



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com