Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2001IPNP Datasheet(PDF) 124 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001IPNP
Description  PCI Express to PCI Bus Translation Bridge
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XIO2001IPNP Datasheet(HTML) 124 Page - Texas Instruments

Back Button XIO2001IPNP Datasheet HTML 120Page - Texas Instruments XIO2001IPNP Datasheet HTML 121Page - Texas Instruments XIO2001IPNP Datasheet HTML 122Page - Texas Instruments XIO2001IPNP Datasheet HTML 123Page - Texas Instruments XIO2001IPNP Datasheet HTML 124Page - Texas Instruments XIO2001IPNP Datasheet HTML 125Page - Texas Instruments XIO2001IPNP Datasheet HTML 126Page - Texas Instruments XIO2001IPNP Datasheet HTML 127Page - Texas Instruments XIO2001IPNP Datasheet HTML 128Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 141 page
background image
124
XIO2001
SCPS212I – MAY 2009 – REVISED JANUARY 2016
www.ti.com
Product Folder Links: XIO2001
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
9.2.4.1 Design Requirements
See previous Design Requirements.
9.2.4.2 Detailed Design Procedure
See previous Detailed Design Procedure.
9.2.5 Power Filtering
Figure 31. Power Filtering
9.2.5.1 Design Requirements
See previous Design Requirements.
9.2.5.2 Detailed Design Procedure
See previous Detailed Design Procedure.
9.3 Layout
9.3.1 Layout Guidelines
In motherboard designs there is an additional clock delay on the PCI add-in cards. In order to make the overall
lengths of the PCI Clock Signals be the same, a rule has been made, which states that the length of the Clock
Signal will be fixed to 2.5" on PCI add-in cards. The motherboard design requires that the length of the Clock
Signal going to the PCI add-in slots will be less by 2.5" in comparison with the other Clock Signals that do not go
to a PCI add-in slot. With the PCI add-in cards inserted, the Clock Signals lengths match. In a design where
there is no add-in slot, the length of the PCI Clock Signals should match. A typical embedded system has all PCI
devices on the board itself. In such case, the lengths of clock nets should match.
There is no matching requirement on the length of the Address/Data signals with respect to Clock Signal, though,
there is a limitation on the maximum length of the Address/Data signal length depending upon the PCI Bus
speed. The length matching of clock signals in PCI bus is not very critical. It is however, often, not too difficult to
match it within 100 mils. The PCI Clock Signals should be slightly longer than the longest trace on the PCI bus.
When 100 mil recommendations become impractical due to board space constraints, this can be relaxed up to a
recommended maximum of 250 mils.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com