Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2001IPNP Datasheet(PDF) 121 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001IPNP
Description  PCI Express to PCI Bus Translation Bridge
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XIO2001IPNP Datasheet(HTML) 121 Page - Texas Instruments

Back Button XIO2001IPNP Datasheet HTML 117Page - Texas Instruments XIO2001IPNP Datasheet HTML 118Page - Texas Instruments XIO2001IPNP Datasheet HTML 119Page - Texas Instruments XIO2001IPNP Datasheet HTML 120Page - Texas Instruments XIO2001IPNP Datasheet HTML 121Page - Texas Instruments XIO2001IPNP Datasheet HTML 122Page - Texas Instruments XIO2001IPNP Datasheet HTML 123Page - Texas Instruments XIO2001IPNP Datasheet HTML 124Page - Texas Instruments XIO2001IPNP Datasheet HTML 125Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 141 page
background image
121
XIO2001
www.ti.com
SCPS212I – MAY 2009 – REVISED JANUARY 2016
Product Folder Links: XIO2001
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
Typical Application (continued)
9.2.1.2.1.5
PCI Bus External Arbiter
The bridge supports an external arbiter for the PCI bus. Terminal (EXT_ARB_EN), when asserted high, enables
the use of an external arbiter.
When an external arbiter is enabled, GNT0 is connected to the external arbiter as the REQ for the bridge.
Likewise, REQ0 is connected to the external arbiter as the GNT for the bridge.
9.2.1.2.1.6
MSI Messages Generated from the Serial IRQ Interface
When properly configured, the bridge converts PCI bus serial IRQ interrupts into PCI Express message signaled
interrupts (MSI). classic PCI configuration register space is provided to enable this feature. The following list
identifies the involved configuration registers:
1. Command register at offset 04h, bit 2 (MASTER_ENB) is asserted (see Table 12).
2. MSI message control register at offset 52h, bits 0 (MSI_EN) and 6:4 (MM_EN) enable single and multiple
MSI messages, respectively (see MSI Message Control Register).
3. MSI message address register at offsets 54h and 58h specifies the message memory address. A nonzero
address value in offset 58h initiates 64-bit addressing (see Power Management Control/Status Register and
MSI Message Upper Address Register).
4. MSI message data register at offset 5Ch specifies the system interrupt message (see MSI Message Data
Register).
5. Serial IRQ mode control register at offset E0h specifies the serial IRQ bus format (see Serial IRQ Mode
Control Register).
6. Serial IRQ edge control register at offset E2h selects either level or edge mode interrupts (see Serial IRQ
Edge Control Register).
7. Serial IRQ status register at offset E4h reports level mode interrupt status (see Serial IRQ Status Register).
A PCI Express MSI is generated based on the settings in the serial IRQ edge control register. If the system is
configured for edge mode, then an MSI message is sent when the corresponding serial IRQ interface sample
phase transitions from low to high. If the system is configured for level mode, then an MSI message is sent when
the corresponding IRQ status bit in the serial IRQ status register changes from low to high.
The bridge has a dedicated SERIRQ terminal for all PCI bus devices that support serialized interrupts. This
SERIRQ interface is synchronous to the PCI bus clock input (CLK) frequency. The bridge always generates a 17-
phase serial IRQ stream. Internally, the bridge detects only 16 IRQ interrupts, IRQ0 frame through IRQ15 frame.
The IOCHCK frame is not monitored by the serial IRQ state machine and never generates an IRQ interrupt or
MSI message.
The multiple message enable (MM_EN) field determines the number of unique MSI messages that are sent
upstream on the PCI Express link. From 1 message to 16 messages, in powers of 2, are selectable. If fewer than
16 messages are selected, then the mapping from IRQ interrupts to MSI messages is aliased. Table 86
illustrates the IRQ interrupt to MSI message mapping based on the number of enabling messages.
Table 86. IRQ Interrupt to MSI Message Mapping
IRQ
INTERRUPT
1 MESSAGE
ENABLED
2 MESSAGES
ENABLED
4 MESSAGES
ENABLED
8 MESSAGES ENABLED
16 MESSAGES
ENABLED
IRQ0
MSI MSG #0
MSI MSG #0
MSI MSG #0
MSI MSG #0
MSI MSG #0
IRQ1
MSI MSG #0
MSI MSG #1
MSI MSG #1
MSI MSG #1
MSI MSG #1
IRQ2
MSI MSG #0
MSI MSG #0
MSI MSG #2
MSI MSG #2
MSI MSG #2
IRQ3
MSI MSG #0
MSI MSG #1
MSI MSG #3
MSI MSG #3
MSI MSG #3
IRQ4
MSI MSG #0
MSI MSG #0
MSI MSG #0
MSI MSG #4
MSI MSG #4
IRQ5
MSI MSG #0
MSI MSG #1
MSI MSG #1
MSI MSG #5
MSI MSG #5
IRQ6
MSI MSG #0
MSI MSG #0
MSI MSG #2
MSI MSG #6
MSI MSG #6
IRQ7
MSI MSG #0
MSI MSG #1
MSI MSG #3
MSI MSG #7
MSI MSG #7
IRQ8
MSI MSG #0
MSI MSG #0
MSI MSG #0
MSI MSG #0
MSI MSG #8
IRQ9
MSI MSG #0
MSI MSG #1
MSI MSG #1
MSI MSG #1
MSI MSG #9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com