Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2001IPNP Datasheet(PDF) 117 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001IPNP
Description  PCI Express to PCI Bus Translation Bridge
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XIO2001IPNP Datasheet(HTML) 117 Page - Texas Instruments

Back Button XIO2001IPNP Datasheet HTML 113Page - Texas Instruments XIO2001IPNP Datasheet HTML 114Page - Texas Instruments XIO2001IPNP Datasheet HTML 115Page - Texas Instruments XIO2001IPNP Datasheet HTML 116Page - Texas Instruments XIO2001IPNP Datasheet HTML 117Page - Texas Instruments XIO2001IPNP Datasheet HTML 118Page - Texas Instruments XIO2001IPNP Datasheet HTML 119Page - Texas Instruments XIO2001IPNP Datasheet HTML 120Page - Texas Instruments XIO2001IPNP Datasheet HTML 121Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 141 page
background image
XIO2001
VCCP
VCCP
PCI Device
PCI Bus
M66EN pullup resistor enables
50/66 MHz by default.
Pulldown used if bus is known
to be 25/33 M z.
H
CLKOUT0
PCLK66_SEL
M66EN
CLK
CLKOUT6
CLKOUT[5:1]
Feedback clock from CLKOUT6
should be slightly longer than
the longest CLK provided to a
downstream device. A 50
dampening resistor can be
used to reduce reflection.
W
Unused PCI clocks can be left
floating and disabled via PCI
Register 0 D4 to reduce
power and noise.
X
When connected to add-in
card slots, 33 MHz cards will
force M66EN to ground to
indicate 33 M z only
operation.
H
When pulled high, standard
33/66 MHz clocks are
provided (based on M66EN).
When pulled low 25/50 MHz
clocks are provided (based on
M66EN).
117
XIO2001
www.ti.com
SCPS212I – MAY 2009 – REVISED JANUARY 2016
Product Folder Links: XIO2001
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
Typical Application (continued)
Figure 25. External PCI Bus Clock Configuration
•
The XIO2001 has options providing for four different PCI clock frequencies: 25 MHz, 33 MHz, 50 MHz, and
66MHz. The clock frequency provided is determined by the states of the M66EN and PCLK66_SEL terminals
at the de-assertion of PERST.
•
The PCLK66_SEL terminal determines if the XIO2001 provides either the standard 33/66 MHz frequencies or
25/50 MHz frequencies. If this terminal is pulled high at the de-assertion of PERST, then CLKOUTx terminals
provide the standard PCI 33/66 MHz frequencies (depending on the state of M66EN). If the terminal is pulled
low at the de-assertion of PERST, then a 25/50 MHz frequency is provided instead. The determination of
what frequency to use is design-specific, and this terminal must be pulled high or low appropriately.
•
The M66EN terminal determines if the PCI Bus will operate at low speed (50/25 MHz) or high speed (66/33
MHz). At the de-assertion of PERST, the M66EN terminal is checked and if it is pulled to VCCP, then the high-
speed (66 MHz or 50 MHz) frequencies are used. If the pin is low, then the low-speed (33 MHz or 25 MHz)
frequencies are used. If the speed of all devices attached to the PCI bus is known, then this terminal can be
pulled appropriately to set the speed of the PCI bus. If add-in card slots are present on a high-speed bus that
may have low speed devices attached, then the terminal can be pulled high and connected to the slot,
permitting the add-in card to pull the terminal low and reduce the bus speed if a low-speed card is inserted.
•
IDSEL for each PCI bus device must be resistively coupled (100
Ω) to one of the address lines between
AD31 and AD16. Please refer to the XIO2001 Data Manual for the configuration register transaction device
number to AD bit translation chart.
•
PCI interrupts can be routed to the INT[D:A] inputs on the XIO2001. These four inputs are asynchronous to
the PCI bus clock and will detect state changes even if the PCI bus clock is stopped. For each INT[D:A] input,
an approved PCI bus pullup resistor to VCCP is required to keep each interrupt signal from floating. Interrupts
on the XIO2001 that are not connected to any device may be tied together and pulled-up through a single
resistor.
•
PRST is a required PCI bus signal and must be connected to all devices. This output signal is asynchronous
to the PCI bus clock. Since the output driver is always enabled and either driving high or low, no pullup
resistor is needed.
•
LOCK is an optional PCI bus signal. If LOCK is present in a system, it is connected to each PCI bus device
that supports the feature and must meet PCI bus loading requirements for the selected clock frequency. An
approved PCI bus pullup resistor to VCCP is required to keep this signal from floating, even if it is not
connected to devices on the bus. LOCK is a bused signal and synchronous to the PCI bus clock. All
synchronous PCI bus signals must be length matched to meet clock setup and hold requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com