Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2001IPNP Datasheet(PDF) 119 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001IPNP
Description  PCI Express to PCI Bus Translation Bridge
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XIO2001IPNP Datasheet(HTML) 119 Page - Texas Instruments

Back Button XIO2001IPNP Datasheet HTML 115Page - Texas Instruments XIO2001IPNP Datasheet HTML 116Page - Texas Instruments XIO2001IPNP Datasheet HTML 117Page - Texas Instruments XIO2001IPNP Datasheet HTML 118Page - Texas Instruments XIO2001IPNP Datasheet HTML 119Page - Texas Instruments XIO2001IPNP Datasheet HTML 120Page - Texas Instruments XIO2001IPNP Datasheet HTML 121Page - Texas Instruments XIO2001IPNP Datasheet HTML 122Page - Texas Instruments XIO2001IPNP Datasheet HTML 123Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 141 page
background image
XIO2001
EXT_ARB_EN
REQ[5:1]
GNT0
REQ0
VCCP
3.3 V
GNTx
GNTy
REQx
REQy
External Arbiter
GNT
REQ
PCI Device
PCI Bus
119
XIO2001
www.ti.com
SCPS212I – MAY 2009 – REVISED JANUARY 2016
Product Folder Links: XIO2001
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
Typical Application (continued)
Figure 26. External Arbiter Connections
9.2.1.2.1.1
Bus Parking
Because of the shared bus nature of PCI, it is required that if the bus is idle at a given time that some device on
the bus must drive some signals to stable states. These signals are the address/data lines, the command/byte
enables, and a valid parity. If no devices are requesting use of the bus, it is the responsibility of the arbiter to
assign ownership of the bus so that the bus signals are never floating while in idle states.
If the XIO2001 internal arbiter is enabled then there are two modes supported for bus parking. The default mode
for bus parking is for the arbiter to continue to assert GNT for the last bus master. In this mode once a device
has completed its transaction, the arbiter will continue to assert the GNT for that bus master and that device is
required to drive a stable pattern onto the required signals. This will continue until another device requests use of
the bus resulting in the arbiter removing GNT from the current bus owner grants it to the new requestor.
Alternatively, the XIO2001 can be configured to self-park. In this mode if no other devices have their REQ
asserted, the XIO2001 will remove GNT from the current bus owner and drive a stable pattern onto the required
lines.
It is suggested that implementations use the default mode of bus parking. The PCI Specification recommends
leaving the current GNT signal asserted if no devices are asserting REQ. Some PCI bus masters will release
their REQ signals after having begun a transaction, even if that transaction may require the use of the bus for an
extended time. If the XIO2001 self-parks the bus, then these bus masters will have their transaction lengths
limited to the latency timer setting. This may result in increased arbitration, higher overhead for transactions, and
decreased bus performance.
9.2.1.2.1.2
I/O Characteristics
Figure 27 shows a 3-state bi-directional buffer that represents the I/O cell design for the PCI bus. PCI Bus
Electrical Characteristics , Electrical Characteristics over Recommended Operating Conditions, provides the
electrical characteristics of the PCI bus I/O cell.
NOTE
The PCI bus interface on the bridge meets the ac specifications of the PCI Local Bus
Specification. Additionally, PCI bus terminals (input or I/O) must be held high or low to
prevent them from floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com