Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2001IPNP Datasheet(PDF) 115 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001IPNP
Description  PCI Express to PCI Bus Translation Bridge
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XIO2001IPNP Datasheet(HTML) 115 Page - Texas Instruments

Back Button XIO2001IPNP Datasheet HTML 111Page - Texas Instruments XIO2001IPNP Datasheet HTML 112Page - Texas Instruments XIO2001IPNP Datasheet HTML 113Page - Texas Instruments XIO2001IPNP Datasheet HTML 114Page - Texas Instruments XIO2001IPNP Datasheet HTML 115Page - Texas Instruments XIO2001IPNP Datasheet HTML 116Page - Texas Instruments XIO2001IPNP Datasheet HTML 117Page - Texas Instruments XIO2001IPNP Datasheet HTML 118Page - Texas Instruments XIO2001IPNP Datasheet HTML 119Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 141 page
background image
115
XIO2001
www.ti.com
SCPS212I – MAY 2009 – REVISED JANUARY 2016
Product Folder Links: XIO2001
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
Typical Application (continued)
9.2.1.1 Design Requirements
9.2.1.1.1
VCCP Clamping Rail
The XIO2001 has a PCI bus I/O clamp rail (PCIR) that can be either 3.3 V or 5 V, depending on the system
implementation. For 25-MHz or 33-MHz PCI bus implementations, PCIR may be connected to either 3.3 V or 5.0
V. For 50-MHz or 66-MHz PCI bus implementations, a 3.3-V connection is the only approved configuration. The
power source for this clamp rail is a standard digital supply. The power source for this clamp rail is a standard
digital supply. The PCIR terminals should be connected to the digital supply via an inline 1 k
Ω resistor. A 0.1- μ
F decoupling capacitor is also recommended at each PCIR terminal.
If PCIR is attached to a 5.0-V supply, the XIO2001 will only output 3.3-V amplitude signals on the PCI bus. The
received PCI bus signal amplitudes may be either 3.3 V or 5.0 V. The PCI bus I/O cells are 5.0-V tolerant and
the XIO2001 device is not damaged by 5.0-V input signal amplitudes.
9.2.1.1.2
Combined Power Outputs
To support VAUX system requirements, the XIO2001 internally combines main power with VAUX power. There are
three combined power rails in the XIO2001. These three power rails are distributed to the analog circuits, digital
logic, and I/O cells that must operate during the VAUX state. Each of the three power rails has an output terminal
for the external attachment of bypass capacitors to minimize circuit switching noise. These terminals are named
VDD_15_COMB, VDD_33_COMB, and VDD_33_COMBIO.
The recommended bypass capacitors for each combined output terminal are 1000 pF, 0.01
μF, and 1.0 μF.
When placing these capacitors on the bottom side of the circuit board, the smallest capacitor is positioned next to
the via associated with the combined output terminal and the largest capacitor is the most distant from the via.
The circuit board trace width connecting the combined output terminal via to the capacitors must be at least 12 to
15 mils wide with the trace length as short as possible.
Other than the three recommended capacitors, no external components or devices may be attached to these
combined output terminals.
9.2.1.1.3
Auxiliary Power
If VAUX power is available in the system, the XIO2001 has the VDD_33_AUX pin to support this feature. Without fully
understanding a system’s VAUX power distribution design, recommending external components for the XIO2001
is difficult. At a minimum, a 0.1-
μF bypass capacitor is placed near the XIO2001 and attached to the system’s
VAUX power supply. A robust design may include a Pi filter with bulk capacitors (5 μF to 100 μF) to minimize
voltage fluctuations. When the system is cycling main power or is in the VAUX state, the VDD_33_AUX terminal
requirements are that the input voltage cannot exceed 3.6 V or drop below 3.0 V for proper operation of the
bridge.
If VAUX power is not present within the system, this terminal is connected to VSS through a resistor with a value
greater than 3 k
Ω.
9.2.1.1.4
VSS and VSSA Pins
For proper operation of the XIO2001, a unified VSS and VSSA ground plane is recommended. The circuit board
stack-up recommendation is to implement a layer two ground plane directly under the XIO2001 device. Both the
circuit board vias and ground trace widths that connect the VSS and VSSA ball pads to this ground plane must be
oversized to provide a low impedance connection.
9.2.1.1.5
Capacitor Selection Recommendations
When selecting bypass capacitors for the XIO2001 device, X7R-type capacitors are recommended. The
frequency versus impedance curves, quality, stability, and cost of these capacitors make them a logical choice
for most computer systems.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com