Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8900A Datasheet(PDF) 54 Page - Cirrus Logic

Part # CS8900A
Description  Crystal LAN ??ISA Ethernet Controller
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8900A Datasheet(HTML) 54 Page - Cirrus Logic

Back Button CS8900A Datasheet HTML 50Page - Cirrus Logic CS8900A Datasheet HTML 51Page - Cirrus Logic CS8900A Datasheet HTML 52Page - Cirrus Logic CS8900A Datasheet HTML 53Page - Cirrus Logic CS8900A Datasheet HTML 54Page - Cirrus Logic CS8900A Datasheet HTML 55Page - Cirrus Logic CS8900A Datasheet HTML 56Page - Cirrus Logic CS8900A Datasheet HTML 57Page - Cirrus Logic CS8900A Datasheet HTML 58Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 128 page
background image
54
DS271PP3
CS8900A
Crystal LAN™ ISA Ethernet Controller
CIRRUS LOGIC PRODUCT DATA SHEET
4.4.7 Register 4: Receiver Event
(RxEvent, Read-only, Address: PacketPage base + 0124h)
Alternate meaning if bits 8 and 9 are both set (see Section 5.3 on page 87 for exception regarding Broadcast
frames).
RxEvent reports the status of the current received frame.
000100
These bits identify this as the Receiver Event Register. When reading this register, these bits
will be 000100, where the LSB corresponds to Bit 0.
IAHash
If the received frame’s Destination Address is accepted by the hash filter, then this bit is set if,
and only if IAHashA (Register 5, RxCTL, Bit 6) is set, and Hashed (Bit 9) is set. See Section 5.3
on page 87.
Dribblebits
If set, the received frame had from one to seven bits after the last received full byte. An "Align-
ment Error" occurs when Dribblebits and CRCerror (Bit C) are both set.
RxOK
If set, the received frame had a good CRC and valid length (i.e., there is not a CRC error, Runt
error, or Extradata error). When RxOK is set, then the length of the received frame is contained
at PacketPage base + 0402h. If RxOKiE (Register 3, RxCFG, Bit 8) is set, there is an interrupt.
Hashed
If set, the received frame had a Destination Address that was accepted by the hash filter. If
Hashed and RxOK (Bit 8) are set, Bits F through A of RxEvent become the Hash Table Index
for this frame [See Section 5.3 on page 87 for an exception regarding broadcast frames!].If
Hashed and RxOK are not both set, then Bits F through A are individual event bits as defined
below.
IndividualAdr
If the received frame had a Destination Address which matched the Individual Address found
at PacketPage base + 0158h, then this bit is set if, and only if, RxOK (Bit 8) is set and Individ-
ualA (Register 5, RxCTL, Bit A) is set.
Broadcast
If the received frame had a Broadcast Address (FFFF FFFF FFFFh) as the Destination Ad-
dress, then this bit is set if, and only if, RxOK is set and BroadcastA (Register 5, RxCTL, Bit B)
is set.
CRCerror
If set, the received frame had a bad CRC. If CRCerroriE (Register 3, RxCFG, Bit C) is set, there
is an interrupt
Runt
If set, the received frame was shorter than 64 bytes. If RuntiE (Register 3, RxCFG, Bit D) is set,
there is an interrupt.
Extradata
If set, the received frame was longer than 1518 bytes. All bytes beyond 1518 are discarded. If
ExtradataiE (Register 3, RxCFG, Bit E) is set, there is an interrupt.
Reset value is: 0000 0000 0000 0100
Notes: 3. All RxEvent bits are cleared upon readout. The host is responsible for processing all event bits.
4. RxStatus register (PacketPage base + 0400h) is the same as the RxEvent register except RxStatus is
not cleared when RxEvent is read. See Section 5.2 on page 79. The value in the RxEvent register is
undefined when RxDMAOnly bit (Bit 9, Register 3, RxCFG) is set.
765
4321
0
Dribblebits
IAHash
000100
F
E
DCBA
9
8
Extradata
Runt
CRCerror
Broadcast
Individual Adr
Hashed
RxOK
765
4321
0
Dribblebits
IAHash
000100
F
E
DCBA
9
8
Hash Table Index (see Section 5.3 on page 87)
Hashed = 1
RxOK = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com