Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8900A Datasheet(PDF) 27 Page - Cirrus Logic

Part # CS8900A
Description  Crystal LAN ??ISA Ethernet Controller
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8900A Datasheet(HTML) 27 Page - Cirrus Logic

Back Button CS8900A Datasheet HTML 23Page - Cirrus Logic CS8900A Datasheet HTML 24Page - Cirrus Logic CS8900A Datasheet HTML 25Page - Cirrus Logic CS8900A Datasheet HTML 26Page - Cirrus Logic CS8900A Datasheet HTML 27Page - Cirrus Logic CS8900A Datasheet HTML 28Page - Cirrus Logic CS8900A Datasheet HTML 29Page - Cirrus Logic CS8900A Datasheet HTML 30Page - Cirrus Logic CS8900A Datasheet HTML 31Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 128 page
background image
DS271PP3
27
CS8900A
Crystal LAN™ ISA Ethernet Controller
CIRRUS LOGIC PRODUCT DATA SHEET
exit from this mode, the SLEEP pin must be driven
high. Upon exit, the CS8900A performs a complete
reset, and then goes through a normal initialization
procedure.
3.7.3 Software Suspend
Software (SW) Suspend mode can be used to con-
serve power in applications, like adapter cards, that
do not have power management circuitry available.
During this mode, all internal circuits are shut off
except the I/O Base Address register (PacketPage
base + 0020h) and the SelfCTL register (Register
15).
To enter SW Suspend mode, the host must set the
SWSuspend bit (Register 15, SelfCTL, bit 8). To
exit SW Suspend, the host must write to the
CS8900A’s assigned I/O space (the Write is only
used to wake the CS8900A, the Write itself is ig-
nored). Upon exit, the CS8900A performs a com-
plete reset, and then goes through a normal
initialization procedure.
Any hardware reset takes the chip out of any sleep
mode.
Table 8 summarizes the operation of the three low-
power modes.
CS8900A Configuration
CS8900A Operation
SLEEP
(Pin 77)
HWStandbyE
(SelfCTL, Bit A)
HWSleepE
(SelfCTL, Bit 9)
SWSuspend
(SelfCTL, Bit 8) Link Activity
Low
1
1
N/A
Not Present
HW Standby mode: 10BASE-T
receiver listens for link activity
Low
1
1
N/A
Present
HW Standby mode: LANLED low
Low
0
1
N/A
N/A
HW Suspend mode
Low to
High
N/A
1
0
N/A
CS8900A resets and goes through
initialization
High
N/A
N/A
0
N/A
Not in low-power mode
High
N/A
N/A
N/A
SW Suspend mode
Low
N/A
0
1
N/A
SW Suspend mode
Low
N/A
0
0
N/A
Not in low-power mode
Notes: 1. Both HW and HW Suspend take precedence over SW Suspend.
Table 8. Low-Power Mode Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com