Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8900A Datasheet(PDF) 48 Page - Cirrus Logic

Part # CS8900A
Description  Crystal LAN ??ISA Ethernet Controller
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8900A Datasheet(HTML) 48 Page - Cirrus Logic

Back Button CS8900A Datasheet HTML 44Page - Cirrus Logic CS8900A Datasheet HTML 45Page - Cirrus Logic CS8900A Datasheet HTML 46Page - Cirrus Logic CS8900A Datasheet HTML 47Page - Cirrus Logic CS8900A Datasheet HTML 48Page - Cirrus Logic CS8900A Datasheet HTML 49Page - Cirrus Logic CS8900A Datasheet HTML 50Page - Cirrus Logic CS8900A Datasheet HTML 51Page - Cirrus Logic CS8900A Datasheet HTML 52Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 128 page
background image
48
DS271PP3
CS8900A
Crystal LAN™ ISA Ethernet Controller
CIRRUS LOGIC PRODUCT DATA SHEET
Section 4.4.4 on page 49 provides a detailed de-
scription of the bits in each register.
4.4.3.1 Act-Once Bits
There are four bits that cause the CS8900A to take
a certain action only once when set. These "Act-
Once" bits are: Skip_1 (Register 3, RxCFG, Bit 6),
RESET (Register 15, SelfCTL, Bit 6), ResetRxD-
MA (Register 17, BusCTL, Bit 6), and SWint-X
(Register B, BufCFG, Bit 6). To cause the action
again, the host must set the bit again. Act-Once bits
are always read as clear.
4.4.3.2 Temporal Bits
Temporal bits are bits that are set and cleared by the
CS8900A without intervention of the host proces-
sor. This includes all status bits in the three status
registers (Register 14, LineST; Register 16,
SelfST; and, Register 18, BusST), the RxDest bit
(Register C, BufEvent, Bit F), and the Rx128 bit
(Register C, BufEvent, Bit B). Like all Event bits,
RxDest and Rx128 are cleared when read by the
host.
4.4.3.3 Interrupt Enable Bits and Events
Interrupt Enable bits end with the suffix iE and are
located in three Configuration registers: RxCFG
(Register 3), TxCFG (Register 7), and BufCFG
(Register B). Each Interrupt Enable bit corresponds
to a specific event. If an Interrupt Enable bit is set
and its corresponding event occurs, the CS8900A
generates an interrupt to the host processor.
The bits that report when various events occur are
located in three Event registers and two counters.
The Event registers are RxEvent (Register 4), Tx-
Event (Register 8), and BufEvent (Register C). The
counters are RxMISS (Register 10) and TxCOL
(Register 12). Each Interrupt Enable bit and its as-
sociated Event are identified in Table 14.
An Event bit will be set whenever the specified
event happens, whether or not the associated Inter-
rupt Enable bit is set. All Event registers are cleared
upon read-out by the host.
4.4.3.4 Accept Bits
There are nine Accept bits located in the RxCTL
register (Register 5), each of which is followed by
the suffix A. Accept bits indicate which types of
frames will be accepted by the CS8900A. (A frame
is said to be "accepted" by the CS8900A when the
frame data are placed in either on-chip memory, or
in host memory by DMA.) Four of these bits have
corresponding Interrupt Enable (iE) bits. An Ac-
cept bit and an Interrupt Enable bit are independent
Suffix
Type
Description
Comments
CMD
Read/Write
Command: Written once per frame to initiate transmit.
CFG
Read/Write
Configuration: Written at setup and used to determine
what frames will be transmitted and received and what
events will cause interrupts.
CTL
Read/Write
Control: Written at setup and used to determine what
frames will be transmitted and received and how the physi-
cal interface will be configured.
Event
Read-only
Event: Reports the status of transmitted and received
frames.
cleared when read
ST
Read-only
Status: Reports information about the configuration of the
CS8900A.
Read-only
Counters: Counts missed receive frames and collisions.
Provides time domain for locating coax cable faults.
cleared when read
Table 13. PacketPage Register Types



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com