Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8900A Datasheet(PDF) 25 Page - Cirrus Logic

Part # CS8900A
Description  Crystal LAN ??ISA Ethernet Controller
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8900A Datasheet(HTML) 25 Page - Cirrus Logic

Back Button CS8900A Datasheet HTML 21Page - Cirrus Logic CS8900A Datasheet HTML 22Page - Cirrus Logic CS8900A Datasheet HTML 23Page - Cirrus Logic CS8900A Datasheet HTML 24Page - Cirrus Logic CS8900A Datasheet HTML 25Page - Cirrus Logic CS8900A Datasheet HTML 26Page - Cirrus Logic CS8900A Datasheet HTML 27Page - Cirrus Logic CS8900A Datasheet HTML 28Page - Cirrus Logic CS8900A Datasheet HTML 29Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 128 page
background image
DS271PP3
25
CS8900A
Crystal LAN™ ISA Ethernet Controller
CIRRUS LOGIC PRODUCT DATA SHEET
location is written into the EEPROM Data register.
If the command is an Erase or Erase-All, no data is
transferred to or from the EEPROM Data register.
Before issuing any command, the host must wait
for the SIBUSY bit (Register 16, SelfST, bit 8) to
clear. After each command has been issued, the
host must wait again for SIBUSY to clear.
3.5.3 Enabling Access to the EEPROM
The Erase/Write Enable command provides protec-
tion from accidental writes to the EEPROM. The
host must write an Erase/Write Enable command
before it attempts to write to or erase any EEPROM
memory location. Once the host has finished alter-
ing the contents of the EEPROM, it must write an
Erase/Write Disable command to prevent unwant-
ed modification of the EEPROM.
3.5.4 Writing and Erasing the EEPROM
To write data to the EEPROM, the host must exe-
cute the following series of commands:
1) Issue an Erase/Write Enable command.
2) Load the data into the EEPROM Data register.
3) Issue a Write command.
4) Issue an Erase/Write Disable command.
During the Erase command, the CS8900A writes
FFh to the specified EEPROM location. During the
Erase-All command, the CS8900A writes FFh to
all locations.
3.6 Boot PROM Operation
The CS8900A supports an optional Boot PROM
used to store code for remote booting from a net-
work server.
3.6.1 Accessing the Boot PROM
To retrieve the data stored in the Boot PROM, the
host issues a Read command to the Boot PROM as
a Memory space access. The CS8900A decodes the
command and drives the CSOUT pin low, causing
the data stored in the Boot PROM to be shifted into
the bus transceiver. The bus transceiver then drives
the data out onto the ISA bus.
3.6.2 Configuring the CS8900A for Boot PROM
Operation
Figure 6 shows how the CS8900A should be con-
nected to the Boot PROM and ’245 driver. To con-
figure the CS8900A’s internal registers for Boot
PROM operation, the Boot PROM Base Address
must be loaded into the Boot PROM Base Address
register (PacketPage base + 0030h) and the Boot
PROM Address Mask must be loaded into the
Command
Opcode
(bits 9,8)
EEPROM Address
(bits 7 to 0)
Data
EEPROM Type
Execution
Time
Read Register
1,0
word address
yes
all
25 µs
Write Register
0,1
word address
yes
all
10 ms
Erase Register
1.1
word address
no
all
10 ms
Erase/Write Enable
0,0
XX11-XXXX
no
‘CS46, ‘C46
9 µs
11XX-XXXX
no
‘CS56, ‘C56, ‘CS66, ‘C66
9 µs
Erase/Write Disable
0,0
0,0
XX00-XXXX
no
‘CS46, ‘C46
9 µs
00XX-XXXX
no
‘CS56, ‘C56, ‘CS66, ‘C66
9 µs
Erase-All Registers
0,0
0,0
XX10-XXXX
no
‘CS46, ‘C46
10 ms
10XX-XXXX
no
‘CS56, ‘C56, ‘CS66, ‘C66
9 µs
Write-All Register
0,0
0,0
XX01-XXXX
yes
‘CS46, ‘C46
10 ms
01XX-XXXX
yes
‘CS56, ‘C56, ‘CS66, ‘C66
10 ms
Table 7. EEPROM Commands



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com