Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8900A Datasheet(PDF) 47 Page - Cirrus Logic

Part # CS8900A
Description  Crystal LAN ??ISA Ethernet Controller
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8900A Datasheet(HTML) 47 Page - Cirrus Logic

Back Button CS8900A Datasheet HTML 43Page - Cirrus Logic CS8900A Datasheet HTML 44Page - Cirrus Logic CS8900A Datasheet HTML 45Page - Cirrus Logic CS8900A Datasheet HTML 46Page - Cirrus Logic CS8900A Datasheet HTML 47Page - Cirrus Logic CS8900A Datasheet HTML 48Page - Cirrus Logic CS8900A Datasheet HTML 49Page - Cirrus Logic CS8900A Datasheet HTML 50Page - Cirrus Logic CS8900A Datasheet HTML 51Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 128 page
background image
DS271PP3
47
CS8900A
Crystal LAN™ ISA Ethernet Controller
CIRRUS LOGIC PRODUCT DATA SHEET
4.4 Status and Control Registers
The Status and Control registers are the primary
registers used to control and check the status of the
CS8900A. They are organized into two groups:
Configuration/Control Registers and Status/Event
Registers. All Status and Control Registers are 16-
bit words as shown in Figure 16. Bit 0 indicates
whether it is a Configuration/Control Register
(Bit 0 = 1) or a Status/Event Register (Bit 0 = 0).
Bits 0 through 5 provide an internal address code
that describes the exact function of the register.
Bits 6 through F are the actual Configuration/Con-
trol and Status/Event bits.
4.4.1 Configuration and Control Registers
Configuration and Control registers are used to set-
up the following:
•
how frames will be transmitted and received;
•
which frames will be transmitted and received;
•
which events will cause interrupts to the host
processor; and,
•
how the Ethernet physical interface will be
configured.
These registers are read/write and are designated
by odd numbers (e.g. Register 1, Register 3, etc.).
The Transmit Command Register (TxCMD) is a
special type of register. It appears in two separate
locations in the PacketPage memory map. The first
location, PacketPage base + 0108h, is within the
block of Configuration/Control Registers and is
read-only. The second location, PacketPage base +
0144h, is where the actual transmit commands are
issued and is write-only. See Section 4.4.4 on
page 49 (Register 9) and Section 5.7 on page 99 for
a more detailed description of the TxCMD register.
4.4.2 Status and Event Registers
Status and Event registers report the status of trans-
mitted and received frames, as well as information
about the configuration of the CS8900A. They are
read-only and are designated by even numbers (e.g.
Register 2, Register 4, etc.).
The Interrupt Status Queue (ISQ) is a special type
of Status/Event register. It is located at PacketPage
base + 0120h and is the first register the host reads
when responding to an Interrupt.
A more detailed description of the ISQ can be
found in Section 5.1 on page 79.
Three 10-bit counters are included with the Status
and Event registers. RxMISS counts missed re-
ceive frames, TxCOL counts transmit collisions,
and TDR is a time domain reflectometer useful in
locating cable faults. The following sections con-
tain more information about these counters.
Table 13 provides a summary of PacketPage Reg-
ister types.
4.4.3 Status and Control Bit Definitions
This section provides a description of the special
bit types used in the Status and Control registers.
1
0
32
54
76
10 Register Bits
1 = Control/Configuration
0 = Status/Event
Internal Address
(bits 0 - 5)
16-bit Register Word
Bit Number
98
BA
DC
F E
Figure 16. Status and Control Register Format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com