Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8900A Datasheet(PDF) 45 Page - Cirrus Logic

Part # CS8900A
Description  Crystal LAN ??ISA Ethernet Controller
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8900A Datasheet(HTML) 45 Page - Cirrus Logic

Back Button CS8900A Datasheet HTML 41Page - Cirrus Logic CS8900A Datasheet HTML 42Page - Cirrus Logic CS8900A Datasheet HTML 43Page - Cirrus Logic CS8900A Datasheet HTML 44Page - Cirrus Logic CS8900A Datasheet HTML 45Page - Cirrus Logic CS8900A Datasheet HTML 46Page - Cirrus Logic CS8900A Datasheet HTML 47Page - Cirrus Logic CS8900A Datasheet HTML 48Page - Cirrus Logic CS8900A Datasheet HTML 49Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 128 page
background image
DS271PP3
45
CS8900A
Crystal LAN™ ISA Ethernet Controller
CIRRUS LOGIC PRODUCT DATA SHEET
4.3.9 Boot PROM Base Address
(Read/Write, Address: PacketPage base + 0030h)
The lower three bytes (0030h, 0031h, and 0032h) of the Boot PROM Base Address register are used for the 20-bit
Boot PROM base address. The upper three nibbles are reserved. See Section 3.6 on page 25.
After reset, if no EEPROM is found by the CS8900A, then the register has the following initial state. If an EEPROM
is found, then the register’s initial value may be set by the EEPROM. See Section 3.3 on page 19.
Reset value is: XXXX XXXX XXXX 0000 0000 0000 0000 0000
4.3.10 Boot PROM Address Mask
(Read/Write, Address: PacketPage base + 0034h)
The Boot PROM address mask register indicates the size of the attached Boot PROM and is limited to 4K bit incre-
ments. The lower 12 bits of the Address Mask are ignored, and should be 000h. The next lowest-order bits describe
the size of the PROM. The upper three nibbles are reserved.
For example:
See Section 3.6 on page 25.
After reset, if no EEPROM is found by the CS8900A, then the register has the following initial state. If an EEPROM
is found, then the register’s initial value may be set by the EEPROM. See Section 3.3 on page 19.
Reset value is: XXXX XXXX XXXX 0000 0000 0000 0000 0000
Address 0033h
Address 0032h
Address 0031h
Address 0030h
Reserved
The most significant nibble of
Boot PROM base address.
The high-order nibble is
reserved.
Contains portion of Boot PROM
base address.
The least significant byte of
the Boot PROM base
address.
Address 0037h
Address 0036h
Address 0035h
Address 0034h
Reserved
The most significant nibble of
Boot PROM mask address.
The high-order nibble is
reserved.
Contains portion of Boot PROM
mask address. The lower-order
nibble must be written as 0h.
The least significant byte of
the Boot PROM mask
address. Must be written as
00h.
Size of Boot PROM
Register value
4k bits
XXXX XXXX XXXX 1111 1111 0000 0000 0000
8k bits
XXXX XXXX XXXX 1111 1110 0000 0000 0000
16k bits
XXXX XXXX XXXX 1111 1100 0000 0000 0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com