Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8900A Datasheet(PDF) 32 Page - Cirrus Logic

Part # CS8900A
Description  Crystal LAN ??ISA Ethernet Controller
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8900A Datasheet(HTML) 32 Page - Cirrus Logic

Back Button CS8900A Datasheet HTML 28Page - Cirrus Logic CS8900A Datasheet HTML 29Page - Cirrus Logic CS8900A Datasheet HTML 30Page - Cirrus Logic CS8900A Datasheet HTML 31Page - Cirrus Logic CS8900A Datasheet HTML 32Page - Cirrus Logic CS8900A Datasheet HTML 33Page - Cirrus Logic CS8900A Datasheet HTML 34Page - Cirrus Logic CS8900A Datasheet HTML 35Page - Cirrus Logic CS8900A Datasheet HTML 36Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 128 page
background image
32
DS271PP3
CS8900A
Crystal LAN™ ISA Ethernet Controller
CIRRUS LOGIC PRODUCT DATA SHEET
the final 3.2 µs). The MAC then begins transmis-
sion if a transmit packet is ready and if it is not in
Backoff (Backoff is described later in this section).
If no transmit packet is pending, the MAC contin-
ues to monitor the network. If activity is detected
before a transmit frame is ready, the MAC defers to
the transmitting station and resumes monitoring the
network.
The two-part deferral scheme was developed to
prevent the possibility of the IPG being shortened
due to a temporary loss of carrier. Figure 10 dia-
grams the two-part deferral process.
3.9.5.3 Simple Deferral
In the simple deferral scheme, the IPG timer is
started whenever Carrier Sense is deasserted. Once
the IPG timer is finished (after 9.6 µs), if a transmit
frame is pending and if the MAC is not in Backoff,
transmission begins the 9.6 µs IPG). If no transmit
packet is pending, the MAC continues to monitor
the network. If activity is detected before a transmit
frame is ready, the MAC defers to the transmitting
station and resumes monitoring the network. Fig-
ure 11 diagrams the simple deferral process.
3.9.5.4 Collision Resolution
If a collision is detected while the CS8900A is
transmitting, the MAC responds in one of three
ways depending on whether it is a normal collision
(within the first 512 bits of transmission) or a late
collision (after the first 512 bits of transmission):
3.9.5.5 Normal Collisions
If a collision is detected before the end of the pre-
amble and SFD, the MAC finishes the preamble
and SFD, transmits the jam sequence (32-bit pat-
tern of all 0’s), and then initiates Backoff. If a col-
lision is detected after the transmission of the
preamble and SFD but before 512 bit times, the
MAC immediately terminates transmission, trans-
mits the jam sequence, and then initiates Backoff.
In either case, if the Onecoll bit (Register 9, TxC-
MD, Bit 9) is clear, the MAC will attempt to trans-
mit a packet a total of 16 times (the initial attempt
plus 15 retransmissions) due to normal collisions.
On the 16th collision, it sets the 16coll bit
(Register 8, TxEvent, Bit F) and discards the pack-
et. If the Onecoll bit is set, the MAC discards the
packet without attempting any retransmission.
Transmit
Frame
Start Monitoring
Network Activity
IPG
Timer =
6.4
µs?
Network
Active?
Network
Active?
Start IPG
Timer
Network
Active?
Yes
No
Yes
Yes
Yes
No
No
No
No
Wait
3.2
µs
Yes
Tx
Frame
Ready
and Not
in Backoff?
Figure 10. Two-Part Deferral



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com