Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8900A Datasheet(PDF) 63 Page - Cirrus Logic

Part # CS8900A
Description  Crystal LAN ??ISA Ethernet Controller
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8900A Datasheet(HTML) 63 Page - Cirrus Logic

Back Button CS8900A Datasheet HTML 59Page - Cirrus Logic CS8900A Datasheet HTML 60Page - Cirrus Logic CS8900A Datasheet HTML 61Page - Cirrus Logic CS8900A Datasheet HTML 62Page - Cirrus Logic CS8900A Datasheet HTML 63Page - Cirrus Logic CS8900A Datasheet HTML 64Page - Cirrus Logic CS8900A Datasheet HTML 65Page - Cirrus Logic CS8900A Datasheet HTML 66Page - Cirrus Logic CS8900A Datasheet HTML 67Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 128 page
background image
DS271PP3
63
CS8900A
Crystal LAN™ ISA Ethernet Controller
CIRRUS LOGIC PRODUCT DATA SHEET
4.4.16 Register 13: Line Control
(LineCTL, Read/Write, Address: PacketPage base + 0112h)
LineCTL determines the configuration of the MAC engine and physical interface.
010011
These bits provide an internal address used by the CS8900A to identify this as the Line Control
Register.
SerRxON
When set, the receiver is enabled. When clear, no incoming packets pass through the receiver.
If SerRxON is cleared while a packet is being received, reception is completed and no subse-
quent receive packets are allowed until SerRxON is set again.
SerTxON
When set, the transmitter is enabled. When clear, no transmissions are allowed. If SerTxON is
cleared while a packet is being transmitted, transmission is completed and no subsequent
packets are transmitted until SerTxON is set again.
AUIonly
Bits 8 and 9 are used to select either the AUI or the 10BASE-T interface according to the fol-
lowing: [Note: 10BASE-T transmitter will be inactive even when selected unless link pulses are
detected or bit DisableLT (register 19) is set.
AUIonly (Bit 8)
AutoAUI/10BT (Bit 9)
Physical Interface
1
N/A
AUI
0>
0
10BASE-T
0
1
Auto-Select
AutoAUI/10BT
See AUIonly (Bit 8) description above.
ModBackoffE
When clear, the ISO/IEC standard backoff algorithm is used (see Section 3.9 on page 28).
When set, the Modified Backoff algorithm is used. (The Modified Backoff algorithm extends the
backoff delay after each of the first three Tx collisions.)
PolarityDis
The 10BASE-T receiver automatically determines the polarity of the received signal at the
RXD+/RXD- input (see Section 3.11 on page 35). When this bit is clear, the polarity is correct-
ed, if necessary. When set, no effort is made to correct the polarity. This bit is independent of
the PolarityOK bit (Register 14, LineST, Bit C), which reports whether the polarity is normal or
reversed.
2-partDefDis
Before a transmission can begin, the CS8900A follows a deferral procedure. With the 2-part-
DefDis bit clear, the CS8900A uses the standard two-part deferral as defined in ISO/IEC 8802-
3 paragraph 4.2.3.2.1. With the 2-partDefDis bit set, the two-part deferral is disabled.
LoRxSquelch
When clear, the 10BASE-T receiver squelch thresholds are set to levels defined by the ISO/IEC
8802-3 specification. When set, the thresholds are reduced by approximately 6dB. This is use-
ful for operating with "quiet" cables that are longer than 100 meters.
After reset, if no EEPROM is found by the CS8900A, then the register has the following initial state. If an EEPROM
is found, then the register’s initial value may be set by the EEPROM. See Section 3.3 on page 19.
Reset value is: 0000 0000 0001 0011
765
4321
0
SerTxOn
SerRxON
010011
F
E
DCBA
9
8
LoRx Squelch
2-part DefDis
PolarityDis
Mod BackoffE
Auto AUI/10BT
AUIonly



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com