Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8900A Datasheet(PDF) 89 Page - Cirrus Logic

Part # CS8900A
Description  Crystal LAN ??ISA Ethernet Controller
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8900A Datasheet(HTML) 89 Page - Cirrus Logic

Back Button CS8900A Datasheet HTML 85Page - Cirrus Logic CS8900A Datasheet HTML 86Page - Cirrus Logic CS8900A Datasheet HTML 87Page - Cirrus Logic CS8900A Datasheet HTML 88Page - Cirrus Logic CS8900A Datasheet HTML 89Page - Cirrus Logic CS8900A Datasheet HTML 90Page - Cirrus Logic CS8900A Datasheet HTML 91Page - Cirrus Logic CS8900A Datasheet HTML 92Page - Cirrus Logic CS8900A Datasheet HTML 93Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 128 page
background image
DS271PP3
89
CS8900A
Crystal LAN™ ISA Ethernet Controller
CIRRUS LOGIC PRODUCT DATA SHEET
It may become necessary for the host to change the
Destination Address (DA) filter criteria without re-
setting the CS8900A. This can be done as follows:
1) Clear SerRxON (Register 13, LineCTL, Bit 6)
to prevent any additional receive frames while
the filter is being changed.
2) Modify the DA filter bits (B, A, 9, 7, and 6) in
the RxCTL register. Modify the Logical Ad-
dressFilteratPacketPagebase+0150h,ifnecessary.
Modify the Individual Address at PacketPage
base + 0158h, if necessary.
3) Set SerRxON to re-enable the receiver.
Because the receiver has been disabled, the
CS8900A will ignore frames while the host is
changing the DA filter.
5.3.2 Hash Filter
The hash filter is used to help determine which
Multicast frames and which Individual Address
frames should be accepted by the CS8900A.
5.3.2.1 Hash Filter Operation
See Figure 23. The DA of the incoming frame is
passed through the CRC logic, generating a 32-bit
CRC value. The six most-significant bits of the
CRC are latched into the 6-bit hash register (HR).
The contents of the HR are passed through a 6-to-
64-bit decoder, asserting one of the decoder’s out-
puts. The asserted output is compared with a corre-
sponding bit in the 64-bit Logical Address Filter,
located at PacketPage base + 0150h. If the decoder
output and the Logical Address Filter bit match, the
frame passes the hash filter and the Hashed bit
(Register 4, RxEvent, Bit 9) is set. If the two do not
match, the frame fails the filter and the Hashed bit
is clear.
Whenever the hash filter is passed by a "good"
frame, the RxOK bit (Register 4, RxEvent, Bit 8) is
set and the bits in the HR are mapped to the Hash
Table Index bits (Register 4, RxEvent, Bits A
through F).
5.3.3 Broadcast Frame Hashing Exception
Table 25 describes in detail the content of the Rx-
Event register for each output of the hash and ad-
dress filters, and describes an exception to normal
processing. That exception can occur when when
the hash-filter Broadcast address matches a bit in
the Logical Address Filter. To properly account for
this exception, the software driver should use the
following test to determine if the RxEvent register
contains a normal RxEvent (meaning bits E-A are
used for Extra data, Runt, CRC Error, Broadcast
and IndividualAdr) or a hash-table RxEvent (mean-
ing bits F-A contain the Hash Table Index).
If bit Hashed =0, or bit RxOK=0, or (bits F-A = 02h
and the destination address is all ones) then Rx-
Event contains a normal RxEvent, else RxEvent
contained a hash RxEvent.
64-bit Logical Address Filter (LAF)
Written into PacketPage base + 150h
6-to-64 decoder
1
64
CS8900A
CRC
Logic
Destination Address (DA)
from incoming frame
32-bit CRC value
(MSB)
(LSB)
6-bit Hash Register (HR)
[Hash Table Index]
64-input
OR gate
to
Hashed
bit
Figure 23. Hash Filter Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com