Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8900A Datasheet(PDF) 83 Page - Cirrus Logic

Part # CS8900A
Description  Crystal LAN ??ISA Ethernet Controller
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8900A Datasheet(HTML) 83 Page - Cirrus Logic

Back Button CS8900A Datasheet HTML 79Page - Cirrus Logic CS8900A Datasheet HTML 80Page - Cirrus Logic CS8900A Datasheet HTML 81Page - Cirrus Logic CS8900A Datasheet HTML 82Page - Cirrus Logic CS8900A Datasheet HTML 83Page - Cirrus Logic CS8900A Datasheet HTML 84Page - Cirrus Logic CS8900A Datasheet HTML 85Page - Cirrus Logic CS8900A Datasheet HTML 86Page - Cirrus Logic CS8900A Datasheet HTML 87Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 128 page
background image
DS271PP3
83
CS8900A
Crystal LAN™ ISA Ethernet Controller
CIRRUS LOGIC PRODUCT DATA SHEET
5.2.3 Receive Frame Pre-Processing
The CS8900A pre-processes all receive frames us-
ing a four step process:
1) Destination Address filtering;
2) Early Interrupt Generation;
3) Acceptance filtering; and,
4) Normal Interrupt Generation.
Figure 21 provides a diagram of frame pre-process-
ing.
5.2.3.1 Destination Address Filtering
All incoming frames are passed through the Desti-
nation Address filter (DA filter). If the frame’s DA
passes the DA filter, the frame is passed on for fur-
ther pre-processing. If it fails the DA filter, the
frame is discarded. See Section 5.3 on page 87 for
a more detailed description of DA filtering.
Register 3, RxCFG
Bit
Bit Name
Operation
7
StreamE
When set, Stream Transfer
enabled.
9
RxDMAonly
When set, DMA slave opera-
tion used for all receive
frames.
A
AutoRX DMAE When set, Auto-Switch DMA
enabled.
B
BufferCRC
When set, the received CRC
is buffered.
Register 17, BusCTL
Bit
Bit Name
Operation
B
DMABurst
When set, DMA operations
hold the bus for up to approx-
imately 28 µs. When clear,
DMA operations are continu-
ous.
D
RxDMAsize
When set, DMA buffer size is
64 Kbytes. When clear, DMA
buffer size is 16 Kbytes.
Table 22. Receive Frame Pre-Processing
Pass
DA Filter?
Discard Frame
Destination
Address Filter
Check:
- PromiscuousA?
- IAHashA?
- MulticastA?
- IndividualA?
- BroadcastA?
Receive Frame
Yes
No
Yes
No
Generate Interrupts
Check:
- RxOKiE?
- ExtradataiE?
- CRCerroriE?
- RuntiE?
- RxDMAiE?
Pre-Processing
Complete
Generate Early
Interrupts if Enabled
(see next figure)
Acceptance Filter
Check:
- RxOKA?
- ExtradataA?
- RuntA?
- CRCerrorA?
Status of receive
frame reported in
RxEvent register,
frame discarded.
Status of receive
frame reported in
RxEvent register,
frame accepted
into on-chip RAM
Pass
Accept.
Filter?
Figure 21. Receive Frame Pre-Processing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com