Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8900A Datasheet(PDF) 35 Page - Cirrus Logic

Part # CS8900A
Description  Crystal LAN ??ISA Ethernet Controller
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8900A Datasheet(HTML) 35 Page - Cirrus Logic

Back Button CS8900A Datasheet HTML 31Page - Cirrus Logic CS8900A Datasheet HTML 32Page - Cirrus Logic CS8900A Datasheet HTML 33Page - Cirrus Logic CS8900A Datasheet HTML 34Page - Cirrus Logic CS8900A Datasheet HTML 35Page - Cirrus Logic CS8900A Datasheet HTML 36Page - Cirrus Logic CS8900A Datasheet HTML 37Page - Cirrus Logic CS8900A Datasheet HTML 38Page - Cirrus Logic CS8900A Datasheet HTML 39Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 128 page
background image
DS271PP3
35
CS8900A
Crystal LAN™ ISA Ethernet Controller
CIRRUS LOGIC PRODUCT DATA SHEET
3.10.4 Interface Selection
Physical interface selection is determined by AUI-
only bit (Bit 8) and the AutoAUI/10BT (Bit 9) in
the LineCTL register (Register 13). Table 11 de-
scribes the possible configurations.
3.10.4.1 10BASE-T Only
When configured for 10BASE-T only operation,
the 10BASE-T transceiver and its interface to the
ENDEC are active, and the AUI is powered down.
3.10.4.2 AUI Only
When configured for AUI-only operation, the AUI
and its interface to the ENDEC are active, and the
10BASE-T transceiver is powered down.
3.10.4.3 Auto-Select
In Auto-Select mode, the CS8900A automatically
selects the 10BASE-T interface and powers down
the AUI if valid packets or link pulses are detected
by the 10BASE-T receiver. If valid packets and
link pulses are not detected, the CS8900A selects
the AUI. Whenever the AUI is selected, the
10BASE-T receiver remains active to listen for link
pulses or packets. If 10BASE-T activity is detect-
ed, the CS8900A switches back to 10BASE-T.
3.11 10BASE-T Transceiver
The CS8900A includes an integrated 10BASE-T
transceiver that is compliant with the relevant por-
tions of section 14 of the Ethernet standard
(ISO/IEC 8802-3, 1993). It includes all analog and
digital circuitry needed to interface the CS8900A
directly to a simple isolation transformer (see
Section 7.5 on page 120 for a connection diagram).
Figure 13 provides a block diagram of the
10BASE-T transceiver.
3.11.1 10BASE-T Filters
The CS8900A’s 10BASE-T transceiver includes
integrated low-pass transmit and receive filters,
eliminating the need for external filters or a fil-
ter/transformer hybrid. On-chip filters are gm/c im-
plementations of fifth-order Butterworth low-pass
filters. Internal tuning circuits keep the gm/c ratio
tightly controlled, even when large temperature,
supply, and IC process variations occur. The nom-
inal 3 dB cutoff frequency of the filters is 16 MHz,
and the nominal attenuation at 30 MHz (3rd har-
monic) is -27 dB.
AUIonly
(Bit 8)
AutoAUI/10BT
(Bit 9)
Physical
Interface
00
10BASE-T Only
1
N/A
AUI Only
01
Auto-Select
Table 11. Interface Selection
RXSQL
RX
TX
Link Pulse
Detector
TX Pre-
Distortion
RX Squelch
RX
Comparator
TX Filters
Filter Tuning
RX Filters
TX Drivers
RXD-
RXD+
TXD-
TXD+
ENDEC
LinkOK
(to MAC)
10BASE-T Transceiver
Figure 13. 10BASE-T Transceiver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com