Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8900A Datasheet(PDF) 43 Page - Cirrus Logic

Part # CS8900A
Description  Crystal LAN ??ISA Ethernet Controller
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8900A Datasheet(HTML) 43 Page - Cirrus Logic

Back Button CS8900A Datasheet HTML 39Page - Cirrus Logic CS8900A Datasheet HTML 40Page - Cirrus Logic CS8900A Datasheet HTML 41Page - Cirrus Logic CS8900A Datasheet HTML 42Page - Cirrus Logic CS8900A Datasheet HTML 43Page - Cirrus Logic CS8900A Datasheet HTML 44Page - Cirrus Logic CS8900A Datasheet HTML 45Page - Cirrus Logic CS8900A Datasheet HTML 46Page - Cirrus Logic CS8900A Datasheet HTML 47Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 128 page
background image
DS271PP3
43
CS8900A
Crystal LAN™ ISA Ethernet Controller
CIRRUS LOGIC PRODUCT DATA SHEET
4.3.3 Interrupt Number
(Read/Write, Address: PacketPage base + 0022h)
The Interrupt Number Register defines the interrupt pin selected by the CS8900A. In a typical application the follow-
ing bus signals are tied to the following pins:
See Section 3.2 on page 18.
After reset, if no EEPROM is found by the CS8900A, then the register has the following initial state, which corre-
sponds to placing all the INTRQ pins in a high-impedance state. If an EEPROM is found, then the register’s initial
value may be set by the EEPROM. See Section 3.3 on page 19.
Reset value is: XXXX XXXX XXXX X100
4.3.4 DMA Channel Number
(Read/Write, Address: PacketPage base + 0024h)
The DMA Channel register defines the DMA pins selected by the CS8900A. In the typical application, the following
bus signals are tied to the following pins:
See Section 3.2 on page 18 and Section 5.4 on page 90.
After reset, if no EEPROM is found by the CS8900A, then the register has the following initial state which corre-
sponds to setting all DMRQ pins to high-impedance. If a EEPROM is found, then the register’s initial value may be
set by the EEPROM. See Section 3.3 on page 19.
Reset value is: XXXX XXXX XXXX XX11
Address 0023h
Address 0022h
00h
Interrupt number assignment:
0000 0000b= pin INTRQ0
0000 0001b= pin INTRQ1
0000 0010b= pin INTRQ2
0000 0011b= pin INTRQ3
0000 01XXb= All INTRQ pins high-impedence
Bus signal
Typical pin connection
IRQ5
INTRQ3
IRQ10
INTRQ0
IRQ11
INTRQ1
IRQ12
INTRQ2
Address 0025h
Address 0024h
00h
DMA channel assignment:
0000 0000b= pin DMRQ0 and DMACK0
0000 0001b= pin DMRQ1 and DMACK1
0000 0010b= pin DMRQ2 and DMACK2
0000 0011b= All DMRQ pins high-impedence
Bus signal
Typical pin connection
DRQ5
DACK5
DMRQ0
DMACK0
DRQ6
DACK6
DMRQ1
DMACK1
DRQ7
DACK7
DMRQ2
DMACK2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com